Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS117TO39/XT Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS117TO39/XT
Description  Positive Adjustable Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS117TO39/XT Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS117TO39/XT Datasheet HTML 3Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 4Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 5Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 6Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 7Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 8Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 9Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 10Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 11Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
POS
POS
POS
POS
POS Adj
Adj
Adj
Adj
Adj V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
R
R
R
R
Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS117 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
10
AS117 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
*AVAILABLE PROCESSES:
XT = Extended Temperature Range
-55oC to +125oC
/883C = MIL-STD-883 paragraph 1.2.1
-55oC to +125oC
/SPACE = MIL-STD-883 para 1.2.1
-55oC to +125oC
ORDERING INFORMATION
NOTE: ASI supports Customer specified drawings (SCDs), please contact
your SALES or Factory Representative for information.
+
RADIATION Levels:
BLANK = No Radiation Guarantee
P = 30K Rads(Si) Total Dose
R = 100K Rads(Si) Total Dose
EXAMPLE:
AS117PGW16/SPACE
Device Number
RAD Level
Package Type Process
AS117
P,R, or blank
GW16
/*
EXAMPLE:
AS117RTO39/SPACE
Device Number
RAD Level
Package Type Process
AS117
P,R or blank
TO39
/*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com