Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS117TO39/XT Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS117TO39/XT
Description  Positive Adjustable Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS117TO39/XT Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS117TO39/XT Datasheet HTML 2Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 3Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 4Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 5Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 6Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 7Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 8Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 9Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
POS
POS
POS
POS
POS Adj
Adj
Adj
Adj
Adj V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
R
R
R
R
Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS117 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
AS117 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
Electrical Characteristics
DC PARAMETERS: (SEE NOTE 1)
(Continued)
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vstart
Voltage Start-Up
Vin = 4.25V, Rl = 2.5 Ohms, Cl = 20uF,
Il = -500mA
1.2
1.3
V
1, 2,
3
AC PARAMETERS: (SEE NOTE 1)
Delta
Vin/Delta
Vout
Ripple Rejection
Vin = 6.25V, ei = 1Vrms at f = 2400Hz,
Il = -125mA
65
dB
4
Vno
Output Noise
Voltage
Vin = 6.25V, Il = -50mA
120
uVrms 7
Delta
Vout/Delta
Vin
Line Transient
Response
Vin = 6.25V, Delta Vin = 3V,
Il = -10mA
6
mV/V
7
Delta
Vout/
Delta Il
Load Transient
Response
Vin = 6.25V, Delta Il = -200mA,
Il = -50mA
0.6
mV/mA 7
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
"Delta calculations performed on QMLV devices at group B, subgroup 5 ONLY."
Vout
Output Voltage
Vin = 4.25V, Il = -5mA
-0.01
0.01
V
1
Vin = 4.25V, Il = -500mA
-0.01
0.01
V
1
Vin = 41.25V, Il = -5mA
-0.01
0.01
V
1
Vin = 41.25V, Il = -50mA
-0.01
0.01
V
1
Vrline
Line Regulation
4.25V < Vin < 41.25V, Il = -5mA
-4
4
mV
1
Iadj
Adjust Pin
Current
Vin = 4.25V, Il = -5mA
-10
10
uA
1
Vin = 41.25V, Il = -5mA
-10
10
uA
1
AC/DC PARAMETERS: POST RADIATION LIMITS +25 C (SEE NOTE 1)
Vout
Output Voltage
Vin = 4.25V, Il = -5mA
1.2
1.350
V
1
Vin = 4.25V, Il = -500mA
1.2
1.350
V
1
Vin = 41.25V, Il = -5mA
1.2
1.350
V
1
Vin = 41.25V, Il = -50mA
1.2
1.350
V
1
Vrline
Line Regulation
4.25V < Vin < 41.25V, Il = -5mA
-25
25
mV
1
Delta
Vin/Delta
Vout
Ripple Rejection
Vin = 6.25V, ei = 1Vrms at f = 2400Hz,
Il = -125mA
60
dB
4
Vout
(Recov)
Output Voltage
Recovery
Vin = 4.25V, Rl = 2.5 Ohms, Cl = 20uS
1.20
1.350
V
1
Vin = 40V, Rl = 250 Ohms
1.20
1.350
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com