Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS117TO39/XT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS117TO39/XT
Description  Positive Adjustable Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS117TO39/XT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS117TO39/XT Datasheet HTML 1Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 2Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 3Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 4Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 5Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 6Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 7Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 8Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POS
POS
POS
POS
POS Adj
Adj
Adj
Adj
Adj V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
R
R
R
R
Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS117 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
AS117 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
GENERAL DESCRIPTION
The AS117 is an adjustable 3-terminal positive voltage
regulator capable of supplying in excess of .5A over a 1.2V to
37V output voltage range. It is exceptionally easy to use &
requires only 2 external resistors to set the output voltage.
Further, both line and load regulation are better than standard
fixed regulators.
In addition to higher performance than fixed regulators,
the AS117 offers full overload protection. Included on the chip
are current limit, thermal overload protection and safe area pro-
tection. All overload protection circuitry remains fully func-
tional even if the adjustment terminal is disconnected.
The AS117 is radiation tolerant to 100K Rads(Si) total
dose levels as tested by MIL-STD-883 Method 1019 Condition
A. The user is encouraged to contact ASI for acopy of current
radiation testing reports.
FEATURES
• Guaranteed 0.5A Output Current
• Radiation Guaranteed to 100K RADS TID
• Adjustable output down to 1.2V
• Current Limit constant over temperature
• Output is short circuit protected
• 80Db Ripple Rejection
OPTIONS
MARKINGS
• Packages
16 pin Cerpack Gullwing
GW16
3 Lead Metal Can
TO39
• Process / Temperature Ranges
MILITARY (-55oC to +125oC)
/XT
MIL-STD-883 paragraph 1.2.1
/883
MIL-STD-883 CLASS ‘S’
/SPACE
AVAILABLE AS MILITARY / SPACE
SPECIFICATIONS
• SMD 5962-99517 pending
• Radiation Tolerant
• MIL-STD-883, 1.2.1 “QML” pending
Positive Adjustable
Voltage Regulator
For more products and information
please visit our web site at
www.austinsemiconductor.com
PIN ASSIGNMENT
(Top View)
3 Lead Metal Can (TO39)
(Bottom View)
16 Pin CerPack Gullwing(GW16)
OUTPUT/
SENSE
N/C
N/C
N/C
N/C
N/C
N/C
ADJ
INPUT
N/C
N/C
OUTPUT
N/C
N/C
N/C
N/C
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
OUTPUT
ADJUSTMENT
INPUT
3
2
1


Similar Part No. - AS117TO39/XT

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS1170 OSRAM-AS1170 Datasheet
1Mb / 53P
AS1170 High current LED/VCSEL driver
v2-00 2024-Feb-05
logo
ams-OSRAM AG
AS1170 AMSOSRAM-AS1170 Datasheet
1Mb / 53P
AS1170 High current LED/VCSEL driver
2024-Feb-05
More results

Similar Description - AS117TO39/XT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM317T FAIRCHILD-LM317T Datasheet
67Kb / 6P
Adjustable Voltage Regulator (Positive)
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
Positive Adjustable Voltage Regulator
logo
Seme LAB
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com