Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-60B-K Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # JS-60B-K
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

JS-60B-K Datasheet(HTML) 4 Page - fujitsu semiconductor

  JS-60B-K Datasheet HTML 1Page - fujitsu semiconductor JS-60B-K Datasheet HTML 2Page - fujitsu semiconductor JS-60B-K Datasheet HTML 3Page - fujitsu semiconductor JS-60B-K Datasheet HTML 4Page - fujitsu semiconductor JS-60B-K Datasheet HTML 5Page - fujitsu semiconductor JS-60B-K Datasheet HTML 6Page - fujitsu semiconductor JS-60B-K Datasheet HTML 7Page - fujitsu semiconductor JS-60B-K Datasheet HTML 8Page - fujitsu semiconductor JS-60B-K Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
JS SERIES
n
SAFETY STANDARD (VDE 01106)
Type
Compliance
Contact rating
UL
UL 508
E 56140
Flammability: UL 94-V0 (plastics)
Contact material: Nil, E
N
CSA
C22.2 No. 14
LR 35579
8 A 24 VDC (resistive) 100k
8 A, 250 VDC (resistive) 100k
10 A, 30 VDC (resistive)
10 A, 250 VAC (resistive)
1/4 HP, 125 V/ 250 VAC
1/3 HP, 125 VAC
1/2 HP, 250 VAC
Pilot duty: C150, B300
Pilot duty: 0.27A, 250VDC
8 A 24 VDC (resistive) 100k
8 A, 250 VDC (resistive) 100k
10 A, 30 VDC (resistive)
10 A, 250 VAC (resistive)
1/4 HP, 125 V/ 250 VAC
1/3 HP, 125 VAC
1/2 HP, 250 VAC
Pilot duty: A300, B300
C150, R300
VDE
0435, 0631, 0700,
40013847
8 A 250 VAC (cos Ø=1)
8 A 24 VDC (0 ms)
SEMKO
EN 61058-1 + A1: 1993
EN 61095:1993 + A11
Rated Voltage (V): 250
Rated Current (A): 8 (2)
or 8
Also complies with SEV, ÖVE, FIMKO, BSI, CQC, NEMKO, DEMKO
n
INSULATION
Items
Resistive (at 500 VDC)
Min. 1,000 MΩ
Dielectric Strength
Open contacts
1,000 VAC (50/60 Hz) 1 min.
Coil and contacts
5,000 VAC (50/60 Hz) 1 min.
Surge strength (coil and contacts)
10,000 V (1.2 x 50 µs standard wave)
Clearance / crepage
6 mm / 8 mm
Isolation (DIN EN 61810-1 VDE 0435)
Voltage
Pollution
Isolation material group
250 V
3
III a
Isolation category / Reference voltage (VDE 01106) C / 250V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com