Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-60B-K Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # JS-60B-K
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

JS-60B-K Datasheet(HTML) 3 Page - fujitsu semiconductor

  JS-60B-K Datasheet HTML 1Page - fujitsu semiconductor JS-60B-K Datasheet HTML 2Page - fujitsu semiconductor JS-60B-K Datasheet HTML 3Page - fujitsu semiconductor JS-60B-K Datasheet HTML 4Page - fujitsu semiconductor JS-60B-K Datasheet HTML 5Page - fujitsu semiconductor JS-60B-K Datasheet HTML 6Page - fujitsu semiconductor JS-60B-K Datasheet HTML 7Page - fujitsu semiconductor JS-60B-K Datasheet HTML 8Page - fujitsu semiconductor JS-60B-K Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
JS SERIES
n
SPECIFICATIONS
Item
Non-V3 type
V3 type
JS ( )-E-K, JS ( )-K, JS ( )B-K
JS ( )-N-K, JS ( )-F-K,
JS ( )-D-K
JS ( )-K, JS ( )N-K
Contact
Arrangement
 Form C (SPDT),  Form A (SPST-NO)
Material
0.3µ Ag plated
3µ Ag plated
Resistance (initial)
Max. 100mΩ 1A, 6VDC)
Max. 30mΩ (1A 6VDC)
Rating
8A 250 VAC / 24 VDC
Max. carrying current
0A
Max. switching power
2,000 VA / 192 W
Max. switching voltage
400 VAC/ 150 VDC
Min. switching load
100 mA 5 VDC
10 mA 5 VDC
Coil
Nominal power (at 20°C)
220 to 290 mW
Operate power (at 20°C)
0 to 40 mW
Operating temperature (at 20°C)
-40°C to +85°C (no frost)
Time value
Operate
Max. 10 ms (at nominal voltage, without bounce)
Release (without diode)
Max. 5 ms (at nominal voltage, without bounce)
Life
Mechanical
Min. 20x106 operations
Electrical
AC rated load
Min. 100x103 operations (JS-( )N-K min. 50x103 ops.)
DC rated load
Min. 100x103 operations (JS-( )N-K min. 50x103 ops.)
Vibration
resistance
Misoperation ≥ 1µs
10 to 55 Hz at double amplitude of 1.65 mm
Endurance
10 to 55 Hz at double amplitude of 3.3 mm
Shock
resistance
Misoperation ≥ 1µs
Min. 100 m/s2 (± ms)
Endurance
Min. 1,000 m/s2 (6± ms)
Weight
Approx. 8 g
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.
n
COIL DATA CHART
Note : All values in the table are measured at 20°C.
*1: No contact current at 20°C.
*2: Specified values are subject to pulse wave voltage.
Coil
voltage
Nominal
voltage
Maximum
voltage*
Coil resistance
(±0%)
Must operate
voltage*2
Must release
voltage*2
Nominal
Power
5
5 VDC
11.8 VDC
112 Ω
3.5 VDC
0.5 VDC
225 mW
6
6 VDC
14.1 VDC
160 Ω
4.2 VDC
0.6 VDC
225 mW
9
9 VDC
21.2 VDC
360 Ω
6.3 VDC
0.9 VDC
225 mW
12
12 VDC
28.3 VDC
660 Ω
8.5 VDC
1.2 VDC
220 mW
18
18 VDC
42.4 VDC
1,455 Ω
12.7 VDC
1.8 VDC
225 mW
24
24 VDC
56.6 VDC
2,350 Ω
16.8 VDC
2.4 VDC
245 mW
48
48 VDC
105.6 VDC
8,000 Ω
33.4 VDC
4.8 VDC
290 mW
60
60 VDC
132.0 VDC
12,500 Ω
41.7 VDC
6.0 VDC
290 mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com