Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-60B-K Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # JS-60B-K
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

JS-60B-K Datasheet(HTML) 1 Page - fujitsu semiconductor

  JS-60B-K Datasheet HTML 1Page - fujitsu semiconductor JS-60B-K Datasheet HTML 2Page - fujitsu semiconductor JS-60B-K Datasheet HTML 3Page - fujitsu semiconductor JS-60B-K Datasheet HTML 4Page - fujitsu semiconductor JS-60B-K Datasheet HTML 5Page - fujitsu semiconductor JS-60B-K Datasheet HTML 6Page - fujitsu semiconductor JS-60B-K Datasheet HTML 7Page - fujitsu semiconductor JS-60B-K Datasheet HTML 8Page - fujitsu semiconductor JS-60B-K Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image

JS SERIES
n
FEATURES
l
UL, CSA, VDE, SEV, SEMKO, FIMKO, NEMKO, DEMKO,
ÖVE, CQC, BSI compliance
l
UL class B (30°C) coil wire insulation
l
 form A (SPST-NO) or  form C (SPDT) contact
l
Low profile and space saving—Height: 12.5 mm
—Mounting space: 290 mm2
l
High sensitivity in small package
—Operating power ............. 0 to 40 mW
—Nominal power................ 220 to 290m W
l
High isolation in small package
—Insulation distance : 8 mm (between coil and contacts)
—Dielectric strength : 5,000 VAC
—Surge strength
: 10,000 V
l
Plastic materials
—UL 94 flame class V-0
—UL CTI level class 2
l
Plastic sealed type
l
Various contact material options
l
RoHS compliant since date code: 0438B9, 0434R - Please see page 7 for more information
JS SERIES
POWER RELAY
1 POLE—8 A (MEDIUM LOAD CONTROL)
JS – 12 M
E – K
T – (V3)*
[Example]
(a) (*) (b) (c) (d)
(e) (f)
(j)
n
ORDERING INFORMATION
(a)
Series Name
JS : JS Series
(b)
Nominal Voltage
Refer to the COIL DATA CHART
(c)
Contact Arrangement
Nil : 1 form C (SPDT)
M : 1 form A (SPST-NO)
B : 1 form B
(d)
Contact Material
Nil : Gold plate silver cadmium oxide
B : Silver cadmium oxide
D : Silver nickel
E : Silver cadmium oxide
F : Gold plate silver nickel
N : Gold plate silver tin oxide
(e)
Enclosure
K : Plastic sealed type
(f)
Construction
Nil: 3.2 mm
T : 5.0 mm (only JS-MN, MD, MF)
(j)
Gold plating
Nil: 0.3µ gold overlay (available with Nil, N and F contact)
V3: 3µ gold overlay for lower current applications (available with Nil, N)
and not available for T (5.0mm type)
RoHS compliant
Note: Actual marking omits the hyphen (-) of (*)
*: V3 is marked at different place from P/N.


Similar Part No. - JS-60B-K

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
JS-( )D-K FCL-JS-( )D-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
JS-( )F-K FCL-JS-( )F-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
JS-( )F/N-K FCL-JS-( )F/N-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
JS-( )MD-K FCL-JS-( )MD-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
JS-( )MF-K FCL-JS-( )MF-K Datasheet
508Kb / 8P
1 POLE - 8A MEDIUM LOAD CONTROL
Rev. October 6, 2025.
More results

Similar Description - JS-60B-K

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
POWER RELAY 1 POLE - 10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com