Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-60B-K Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # JS-60B-K
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

JS-60B-K Datasheet(HTML) 5 Page - fujitsu semiconductor

  JS-60B-K Datasheet HTML 1Page - fujitsu semiconductor JS-60B-K Datasheet HTML 2Page - fujitsu semiconductor JS-60B-K Datasheet HTML 3Page - fujitsu semiconductor JS-60B-K Datasheet HTML 4Page - fujitsu semiconductor JS-60B-K Datasheet HTML 5Page - fujitsu semiconductor JS-60B-K Datasheet HTML 6Page - fujitsu semiconductor JS-60B-K Datasheet HTML 7Page - fujitsu semiconductor JS-60B-K Datasheet HTML 8Page - fujitsu semiconductor JS-60B-K Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
JS SERIES
n
CHARACTERISTIC DATA
JS
0A
8A
0A
60
80
40
0.8
0.6
0.4
0.2
20
0
0
Coil Temperature Rise
Coil Power (W)
Must operate
voltage (hot
coil)
0A
8A
(5 to 18VDC coil)
JS type
2.4
2.0
1.8
1.0
0.6
00
80
60
40
20
00
20
40
60
80
00
0.8
1.0
1.2
1.4
1.6
1.8
Operating Range
Ambient Temperature (ºC)
Must operate
voltage (cool
coil)
0A
(DC24V coil)
JS type
0A
8A
2.4
2.0
2.2
1.0
0.6
00
80
60
40
20
00
20
40
60
80
00
0.8
1.0
1.2
1.4
1.6
1.8
Must operate
voltage (hot
coil)
Operating Range
Ambient Temperature (ºC)
Must operate
voltage (cool
coil)
0A
2.4
2.0
1.8
1.0
0.6
00
80
60
40
20
00
20 30 40
60
80
00
0.8
1.0
1.2
1.4
1.6
1.8
JS type
(48 to 60 VDC)
8A
0A
Must operate
voltage (hot
coil)
Operating Range
Ambient Temperature (ºC)
Must operate
voltage (cool
coil)
0A
5
2

0.1
500
20
0
0
20
50
00 200
0.2
0.5

2
5
0
AC resistive load
DC resistive load
Maximum Switching Power
Voltage (V)
JS type
JS
MN
0
2
4
6
8
0
12
2
5
0
20
50
00
250VAC resistive
24VDC resistive
250VAC cosφ=0.7
24VDC τ=7ms
250VAC cosφ=0.4
24VDC τ=15ms
Life Curves
Contact Current (A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com