Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-60B-K Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # JS-60B-K
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

JS-60B-K Datasheet(HTML) 2 Page - fujitsu semiconductor

  JS-60B-K Datasheet HTML 1Page - fujitsu semiconductor JS-60B-K Datasheet HTML 2Page - fujitsu semiconductor JS-60B-K Datasheet HTML 3Page - fujitsu semiconductor JS-60B-K Datasheet HTML 4Page - fujitsu semiconductor JS-60B-K Datasheet HTML 5Page - fujitsu semiconductor JS-60B-K Datasheet HTML 6Page - fujitsu semiconductor JS-60B-K Datasheet HTML 7Page - fujitsu semiconductor JS-60B-K Datasheet HTML 8Page - fujitsu semiconductor JS-60B-K Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
JS SERIES
n
PART NUMBERS
Order P/N
Series Voltage
Contact
Arrangement
Contact material
Enclosure Terminal
Pitch
Special
JS-5M ( )-K(-V3)
JS
5
M: 1 form A
Nil: Gold plate +
silver cadmium
oxide
E: Silver cadmium
oxide
N: Gold plate silver
tin oxide
F: Gold plate silver
nickel
D: Silver nickel
K: Plastic
Seal
3.2 mm
Gold plate
Nil: 0.3
µm
V3: 3 µm
JS-6M ( )-K(-V3)
6
JS-9M ( )-K(-V3)
9
JS-12M ( )-K(-V3)
12
JS-18M ( )-K(-V3)
18
JS-24M ( )-K(-V3)
24
JS-48M ( )-K(-V3)
48
JS-60M ( )-K(-V3)
60
JS-5 ( )-K(-V3)
5
Nil: 1 form C
JS-6 ( )-K(-V3)
6
JS-9 ( )-K(-V3)
9
JS-12 ( )-K(-V3)
12
JS-18 ( )-K(-V3)
18
JS-24 ( )-K(-V3)
24
JS-48 ( )-K(-V3)
48
JS-60 ( )-K(-V3)
60
JS-5 ( )B-K(-V3)
5
B : 1 form B B: Silver cadmium
oxide
JS-6 ( )B-K(-V3)
6
JS-9 ( )B-K(-V3)
9
JS-12 ( )B-K(-V3)
12
JS-18 ( )B-K(-V3)
18
JS-24 ( )B-K(-V3)
24
JS-48 ( )B-K(-V3)
48
JS-60 ( )B-K(-V3)
60
Order P/N
Series Voltage
Contact
Arrangement
Contact material
Enclosure
Terminal
Pitch
JS-5MN-K
JS
5
M: 1 form A
N: Gold plate silver
+ tin oxide
K
T: 5.0 mm
JS-6MN-K
6
JS-9MN-K
9
JS-12MN-K
12
JS-18MN-K
18
JS-24MN-K
24
JS-48MN-K
48
JS-60MN-K
60
2. Terminal Pitch: 5.0mm
1. Terminal Pitch: 3.2mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com