Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8120ACPZ-R7
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8120ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8120
Rev. 0 | Page 4 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL CONTROL INPUT CHARACTERISTICS
SDO/SDA, SCK/SCL, SDI/A1, CS/A0, SER_SEL,
MODE
Input Bias Current
2
μA
Input High Voltage
2.6
V
Input Low Voltage
0.6
V
Output High Voltage
4.5
V
Output Low Voltage
0.6
V
SPI TIMING CHARACTERISTICS
Clock Frequency
SCK
10
MHz
CS Setup Time, t1
CS to SCK
5
ns
Clock Pulse High, t2
SCK
50
ns
Clock Pulse Low, t3
SCK
50
ns
Data Setup Time, t4
SDI to SCK
5
ns
Data Hold Time, t5
SDI to SCK
5
ns
CS Hold Time, t6
SCK to CS
5
ns
I2C TIMING CHARACTERISTICS
Clock Frequency
SCL
100
kHz
Start Setup Time, t1
SDA to SCL
10
ns
Clock Pulse High, t2
SCL
5
μs
Clock Pulse Low, t3
SCL
5
μs
Data Setup Time, t4
SDA (input) to SCL
100
ns
Data Hold Time, t5
SDA (input) to SCL
100
ns
Hold Time, t6
SCL to SDA
10
ns
POWER SUPPLY
Positive Supply Range
4.5
5.5
V
Negative Supply Range
−5.5
−4.5
V
Positive Quiescent Current
Delay = 0 ns
44
mA
Delay = 50 ns
114
mA
Powered down, PD low
4
mA
Negative Quiescent Current
Delay = 0 ns
37
mA
Delay = 50 ns
108
mA
Powered down, PD low
0.5
mA
Quiescent Current Drift
TMIN to TMAX, delay = 0 ns
0.13
mA/°C
TMIN to TMAX, delay = 50 ns
0.36
mA/°C
+PSRR
RL = 150 Ω, delay = 50 ns
56
dB
−PSRR
RL = 150 Ω, delay = 50 ns
44
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com