Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8120ACPZ-R7
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8120ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8120
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±6 V
Internal Power Dissipation
32-Lead LFCSP at TA = 25°C
3.5 W
Input Voltage
VS− − 0.3 V to VS+ + 0.3 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, for a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
5 mm × 5 mm, 32-Lead LFCSP
36
2
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8120 package is
limited by its junction temperature. The maximum safe junction
temperature for plastic encapsulated devices, as determined by
the glass transition temperature of the plastic, is approximately
150°C. Temporarily exceeding this limit may cause a shift in the
parametric performance due to a change in the stresses exerted
on the die by the package. Exceeding a junction temperature of
175°C for an extended period can result in device failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power dissipation is the voltage between the supply pins (VS+
and VS−) times the quiescent current (IS). Power dissipated due
to load drive depends upon the particular application. It is cal-
culated by multiplying the load current by the associated voltage
drop across the device. RMS voltages and currents must be used
in these calculations.
Airflow increases heat dissipation by reducing θJA.
To ensure optimal thermal performance, the exposed paddle
must be in an optimized thermal connection with an external
plane layer.
6
5
4
3
2
1
0
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (°C)
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
on a JEDEC Standard 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com