Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8120ACPZ-R7
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8120ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8120
Rev. 0 | Page 12 of 16
I2C Control
The I2C interface of the AD8120 is a 2-wire interface consisting
of a clock input and a bidirectional data line. The AD8120
drives the SDA line either to acknowledge the master (ACK) or
to send data during a read operation. The SDA pin for the I2C
port is open drain and requires a 10 kΩ pull-up resistor.
Table 9. AD8120 I2C Pin Descriptions
Pin No.
Pin Name
Description
2
SDA
Serial data input/output
30
SCL
Serial clock input
29
A1
I2C Address Bit A1
31
A0
I2C Address Bit A0
The AD8120 address consists of a built-in address of 0x38 and the
two address pins, A0 and A1. The two address pins enable up to
four AD8120 devices to be used in a system (see Table 10). Both
address pins must be terminated (high or low) for the AD8120
I2C interface to operate properly.
Table 10. I2C Addresses
A1 Pin
A0 Pin
I2C Address
0
0
0x38
0
1
0x39
1
0
0x3A
1
1
0x3B
In I2C mode, the AD8120 is programmed with a 3-byte sequence
for a write operation (see Figure 19) and a 4-byte sequence for a
read operation (see Figure 20). The first byte contains the 7-bit
device address and the R/W instruction bit. The second byte con-
tains the color register.
In write mode, the third byte contains the delay code. In read
mode, the third byte contains the device address, and the fourth
byte contains the stored delay code.
START BY
MASTER
STOP BY
MASTER
ACK BY
AD8120
ACK BY
AD8120
ACK BY
AD8120
0
11
9
1
1
1
0
A1
A0
0
0
00
0
0
0
C1
C0
SCL
SD
9
A
SDA (CONTINUED)
SCL (CONTINUED)
9
1
X
X
D5
D4
D3
D2
D1
D0
R/W
BYTE 1
I2C ADDRESS
BYTE 2
COLOR REGISTER
BYTE 3
DELAY DATA CODE
Figure 19. I2C Write Sequence
START BY
MASTER
ACK BY
AD8120
ACK BY
AD8120
R/W
SCL
11
9
9
SDA
01
1
1
0
01
1
10
A1
A0
0
0
0
0
0
0
0
C1
C0
BYTE 1
I2C ADDRESS
BYTE 2
COLOR REGISTER
BYTE 3
I2C ADDRESS
BYTE 4
DATA BYTE FROM AD8120
STOP BY
MASTER
START BY
MASTER
ACK BY
AD8120
NO ACK BY
AD8120
SCL
11
9
9
SDA
A1
A0
1
X
X
D5
D4
D3
D2
D1
D0
R/W
Figure 20. I2C Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com