Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8120ACPZ-R7
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8120ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Triple Skew-Compensating Video Delay
Line with Analog and Digital Control
AD8120
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Corrects for unshielded twisted pair (UTP) cable skew
Delay of up to 50 ns per channel
High speed
200 MHz BW @ VOUT = 1.4 V p-p and 0 ns delay
150 MHz BW @ VOUT = 1.4 V p-p and 50 ns delay
Excellent channel-to-channel matching
30 mV offset matching RTI
0.8% gain matching
Low output offset
±30 mV RTI
No external circuitry required to correct for offsets
Independent red, green, and blue delay controls
Drives 4 double-terminated video loads
Digital and analog delay control
6-bit SPI bus
I2C bus
Analog voltage control
Fixed gain of 2
Low noise
High differential input impedance: 500 kΩ
32-lead, 5 mm × 5 mm LFCSP
APPLICATIONS
Keyboard-video-mouse (KVM)
Digital signage
RGB video over UTP cable
Professional video projection and distribution
HD video
Security video
General broadband delay lines
GENERAL DESCRIPTION
The AD8120 is a triple broadband skew-compensating delay line
that corrects for time mismatch between video signals incurred
by transmission in unshielded twisted pairs of Category 5 and
Category 6 type cables. Skew between the individual pairs exists
in most types of multipair UTP cables due to the different twist
rates that are used for each pair to minimize crosstalk between
pairs. For this reason, some pairs are longer than others, and in
long cables, the difference in propagation time between two pairs
can be well into the tens of nanoseconds.
The AD8120 contains three delay paths that provide broadband
delays up to 50 ns, in 0.8 ns increments, using 64 digital control
steps or analog control adjustment. The delay technique used in
the AD8120 minimizes noise and offset at the outputs.
The bandwidth of the AD8120 ranges from 150 MHz to 200 MHz,
depending on the delay setting. This wide bandwidth makes the
AD8120 ideal for use in applications that receive high resolution
video over UTP cables.
The logic circuitry of the AD8120 provides individual delay con-
trols for each channel. The delay times are set independently
using a standard 4-wire SPI bus or a standard I2C bus, or by
applying analog control voltages to the VCR, VCG, and VCB pins.
Analog control offers a simple solution for systems that do not
have digital control available.
The AD8120 is designed to be used with the AD8123 triple
UTP equalizer in video over UTP applications, but it can
also be used in other applications where similar controllable
broadband delays are required.
The AD8120 is available in a 5 mm × 5 mm, 32-lead LFCSP
and is rated to operate over the industrial temperature range
of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
R
d
G
B
d
d
Figure 1.


Similar Part No. - AD8120ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
AD812 AD-AD812 Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD8122 AD-AD8122 Datasheet
402Kb / 13P
Triple Differential Receiver
Rev. PrC
AD8123 AD-AD8123 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
8/07-Revision 0
More results

Similar Description - AD8120ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
Triple Analog Video Delay Line
September 8, 2005
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
Triple Analog Video Delay Line
October 12, 2006
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
Triple Analog Video Delay Line
February 8, 2008
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
Triple Analog Video Delay Lines
May 28, 2009
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
Triple Analog Video Delay Lines
August 31, 2010
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
Triple Analog Video Delay Line
September 22, 2009
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
Triple Analog Video Delay Line
January 12, 2012
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
Triple Analog Video Delay Line
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
Triple Analog Video Delay Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com