Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8120ACPZ-R7
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8120ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8120ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8120
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±5 V, RL = 150 Ω, 10% to 90% input rise/fall time (tR/tF) = 4 ns, unless otherwise noted.
4
6
2
0
–2
–4
–6
–8
–10
–12
0.3
1
10
100
1k
FREQUENCY (MHz)
DELAY CODE = 63
DELAY CODE = 33
DELAY CODE = 1
DELAY CODE = 2
4
2
0
–2
–4
–6
–8
–10
–12
0.3
1
10
100
1k
FREQUENCY (MHz)
DELAY CODE = 63
DELAY CODE = 33
DELAY CODE = 1
DELAY CODE = 2
Figure 4. Small-Signal Frequency Response for Various Delay Settings,
VOUT = 0.2 V p-p
Figure 7. Video Signal Frequency Response for Various Delay Settings,
VOUT = 1.4 V p-p
1.8
0.8
1.0
1.2
1.4
1.6
0.6
0.4
0.2
0
–0.2
–20
0
20
40
60
80
100
120
TIME (ns)
DELAY CODE = 63
DELAY CODE = 33
VS = ±5V, LOAD = 150Ω
DELAY CODE = 0
INPUT
0.25
0.20
0.15
0.10
0.05
0
–0.05
–20
0
20
40
60
80
100
120
TIME (ns)
DELAY CODE = 63
DELAY CODE = 33
DELAY CODE = 0
INPUT
VS = ±5V
LOAD = 150Ω
Figure 5. Small-Signal Pulse Response for Various Delay Settings
Figure 8. Large-Signal Pulse Response for Various Delay Settings
50
45
40
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
112
22
33
44
55
62
ANALOG CONTROL VOLTAGE (V)
DELAY CODE
120
110
100
90
80
70
60
50
40
0
4
8 1216 20 24283236 4044 48 5256 60 64
DELAY CODE
TWO CHANNELS
ONE CHANNEL
THREE CHANNELS
Figure 6. Relative Delay vs. Delay Code and Analog Control Voltage
Figure 9. Quiescent Current vs. Delay Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com