Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8264ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 34Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AD8264
Rev. 0 | Page 31 of 40
A DC CONNECTED CONCEPT EXAMPLE
The dc connected concept example in Figure 113 is an application
with the 40-channel AD5381, 3 V, 12-bit DAC. The main difference
between this example and Figure 112 is that, for the same ADR127
1.25 V reference, the full-scale output of the DAC is from
0 V to 2 × VREFIN = 2.5 V. Two options for gain control
include the following:
•
Use the same circuit as in Figure 112 but use only half the
DAC output voltage from 0 V to 1.25 V. This is the simplest
solution, requiring the fewest extra components. Note that
the overall gain resolution increases by one bit to 11 bits
over the 10-bit AD5314.
•
Ground GNLO and scale the DAC output so that the
GNHx inputs vary from −0.652 V to +0.625 V. Figure 113
shows a possible circuit implementation using a divider
between the DAC output and a −1.25 V reference.
GNLO cannot simply be increased to 1.25 V because, for a
given supply voltage, GNLO has a limited voltage range to
achieve the full gain span (see Table 5).
However, a third possibility is to use another voltage that is
between 1.2 V and 625 mV on GNLO, such as 1 V. In this case,
the DAC must vary from 0.375 V to 1.625 V to achieve the fully
specified gain range.
Note the gain limits when the differential gain control exceeds
±0.625 V, either to 6 dB or to 30 dB. If the differential gain
control input voltage is exceeded, no gain foldover occurs.
Figure 113 shows how the AD8264 is connected in a PET
application. The PMT generates a negative-going current pulse
that results in a voltage pulse at the preamplifier input and a
differential output pulse on VOLx and VOHx.
To fully appreciate the advantages of the AD8264, note the
common-mode and polarity conversion afforded. The AD9228,
as with most modern ADCs, is a low voltage, single-polarity
device. Recall that the PMT is a high voltage device that yields a
negative pulse. To map the pulse to the input range of the ADC,
the pulse must be inverted, shifted, and amplified to the full
input range of the ADC. This is done by using the gain control,
signal offset, and common-mode features of the AD8264.
The full-scale input of the converter is 0 V to 2 V, with a common-
mode of 1 V. Match the VOCM voltage of the AD8264 to the
ADC common mode (VREF = 1 V), and the two devices can be
connected directly using an appropriate level of the antialiasing
filter. The PMT signal is 0 V to −0.1 V. With a gain of 20× (26 dB),
the AD8264 output signal range is 2 V p-p. Prebias the signal
negative by −0.5 V using the AD8264 OFSx inputs, which sets
VOHx = 1.5 V and VOLx = 0.5 V for VOCM = 1 V. The output
is perfectly matched to the input of the ADC.
Note that, by connecting VOLx to the positive ADC input and
VOHx to the negative ADC input, the negative input pulse is
inverted automatically. The VGAx output is still a negative
pulse, amplified by 20 dB for this example.
+3.3V
–3.3V
0.1µF
NC 6
NC 5
VOUT 4
1
2
3
NC
GND
VIN
ADR127
REFIN
DAC
AD5381
GND
2 × V
REFIN × D
VOUT =
2N
10µF
VREF = 1.25V
GNH1
GNH2
GNH3
GNH4
AD8264
GNLO
VOUT RANGE = 0V TO 1.25V
EACH
VOCM
VOHx VOLx
VDD
RFILT
RFILT
CFILT
ADC
AD9222/
AD9228
VREF
VDD
+1.8V
SENSE
GND
VIN + x
VIN – x
SENSE GROUNDED: VREF = 1V
VNEG
VPOS
IPPx
100Ω
OFSx
~250nA EACH
VGAx
VGA OUTPUTS TO OTHER
SIGNAL PROCESSING
OUTPUT COMMON-MODE VOLTAGE = 1V
VOHx = 1.5V, VOLx = 0.5V; VOFx = –0.5V
FS = 2V p-p
1µF
0.1µF
10µF
+3.3V
+3.3V
PMT
0V
–0.1V
EXAMPLE
VOFS = –0.5V
SCALE
CIRCUIT
VOUT0
VOUT1
VOUT2
VOUT4
VOUT39
TO 9 OTHER
AD8264s
SCALE CIRCUIT
SCALE CIRCUIT
SCALE CIRCUIT
SCALE CIRCUIT
+3.3V
–3.3V
VOLTAGE FROM DAC AD5381 = 0 TO 2.5V
VARIES FROM
12.5 TO 32.5µA
~250nA
VREF = 1.25V
AD8663
49.9kΩ
1%
VOUT0
VOUT39
GNH1
SCALE CIRCUIT
–1.25V
GNH4
–625mV
TO
+625mV
49.9kΩ
1%
49.9kΩ
1%
0.1µF
0.1µF
49.9kΩ
1%
49.9kΩ
1%
0.1µF
10µF
49.9kΩ
1%
Figure 113. Concept Application of AD8264 with 40-Channel AD5381 12-Bit, 3 V DAC and AD9222/AD9228 12-Bit ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com