Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8264ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD8264
Rev. 0 | Page 8 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±2.5 V, TA = 25°C, f = 10 MHz, CL = 5 pF, RL = 500 Ω per output (VGAx, VOHx, VOLx), VGAIN = (VGNHx − VGNLO) = 0 V,
VVOCM = GND, VOFSx = GND, gain range = 6 dB to 30 dB, unless otherwise specified.
–6
0
6
12
18
24
30
36
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
VGAIN (V)
–40°C
–40°C
+25°C
+25°C
+85°C
+85°C
+105°C
+105°C
VGA
DIFFERENTIAL
OUTPUT
Figure 3. Gain vs. VGAIN vs. Temperature
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
VGAIN (V)
TA = +105°C
TA = +25°C
TA = –40°C
MAX
MIN
Figure 4. Gain Error vs. VGAIN vs. Temperature
–4
–3
–2
–1
0
1
2
–0.7
–0.5
–0.3
–0.1
0.10.30.50.7
1MHz
10MHz
70MHz
100MHz
150MHz
VGAIN (V)
Figure 5. Gain Error vs. VGAIN at Various Frequencies to VGAx
140
120
100
80
60
40
20
0
–0.6
–0.4
–0.2
0
0.2
0.4
GAIN ERROR (dB)
MEAN: –0.1dB
SD: 0.05dB
VGAIN = 0V
Figure 6. VGA Absolute Gain Error Histogram
180
150
120
90
60
30
0
19.0
19.5
20.0
20.5
21.0
GAIN SCALING (dB/V)
MEAN: 20.1dB
SD: 0.09dB
Figure 7. Gain Scale Factor Histogram (−0.4 V < VGAIN < +0.4 V)
80
60
40
20
0
11.7
11.8
11.9
12.0
12.1
GAIN INTERCEPT (dB)
MEAN: 11.9dB
SD: 0.08dB
Figure 8. VGA Gain Intercept Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com