Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8264ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD8264
Rev. 0 | Page 12 of 40
VGAIN (V)
–10
0
–5
10
5
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
MAX
MIN
TA = +105°C
TA = +25°C
TA = –40°C
Figure 27. VGAx Output Offset Voltage vs. VGAIN vs. Temperature
0
–30
–20
–10
0
10
30
20
OUTPUT OFFSET VOLTAGE (mV)
3000
2500
2000
1500
1000
500
VGAIN = –0.4V
VGAIN = 0V
VGAIN = +0.4V
Figure 28. Output Offset Histogram to VGAx
–30
–20
–10
0
10
30
20
OUTPUT OFFSET VOLTAGE (mV)
VGAIN = –0.4V
VGAIN = 0V
VGAIN = +0.4V
0
100
200
300
400
500
600
700
800
Figure 29. Output Offset Histogram to Differential Output
0.1
1
10
100
0.1
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
VS = ±5V
Figure 30. Output Resistance (VOHx, VOLx) vs.Frequency
0.1
1
10
100
FREQUENCY (MHz)
1
10
VS = ±5V
VS = ±2.5V
Figure 31. Output Resistance (VGAx) vs. Frequency
0
20
40
60
80
100
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
VGAIN (V)
VGAx
DIFFERENTIAL OUTPUT
Figure 32. Output Referred Noise to VGAx and Differential Output vs. VGAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com