Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8264ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD8264
Rev. 0 | Page 24 of 40
AD8130
10Ω
CL
CL
10Ω
PrA
6dB
+
6dB
+
VOCM
AD8264
GNLO
50Ω
CH1
50Ω
50Ω
450Ω
OUT
SIGNAL
GENERATOR
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
SPECTRUM ANALYZER
LPF
Figure 93. Harmonic Distortion to Differential Output vs.
CLOAD (See Figure 41)
PrA
6dB
+
6dB
+
VOCM
AD8264
GNLO
50Ω
VGAIN
CH1
50Ω
50Ω
450Ω
OUT
SIGNAL
GENERATOR
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
SPECTRUM ANALYZER
LPF
Figure 94. HD2 and HD3 to VGAx (See Figure 42 Through Figure 45)
AD8130
PrA
6dB
+
6dB
+
VOCM
AD8264
GNLO
50Ω
CH1
50Ω
50Ω
350Ω
OUT
SIGNAL
GENERATOR
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
SPECTRUM ANALYZER
LPF
VGAIN
VS
Figure 95. HD2 and HD3 to Differential Output (See Figure 46 through Figure 49)
PrA
6dB
+
6dB
+
IPPx
IPNx
GNHx
VOLx
VOHx
OUT
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
50Ω
50Ω
SIGNAL
GENERATOR
OUT
50Ω
SIGNAL
GENERATOR
CH1
50Ω
450Ω
SPECTRUM ANALYZER
VGAIN
Figure 96. IMD3 and OIP3 to VGAx (See Figure 50 and Figure 51)
PrA
6dB
+
6dB
+
IPPx
IPNx
GNHx
VOLx
VOHx
OUT
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
50Ω
50Ω
SIGNAL
GENERATOR
OUT
50Ω
SIGNAL
GENERATOR
500Ω
500Ω
AD8130
CH1
50Ω
10Ω
10Ω
450Ω
SPECTRUM ANALYZER
Figure 97. IMD3 and OIP3 to Differential Output (See Figure 52 and Figure 53)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com