Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8264ACPZ-R7
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8264ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8264ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD8264
Rev. 0 | Page 17 of 40
–40
–20
0
20
40
60
80
100
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
TIME (ns)
1V p-p
2V p-p
VGAIN = 0.7V
Figure 57. Large Signal Pulse Response to VGAx
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
TIME (ns)
1V p-p
2V p-p
–40
–20
0
20
40
60
80
100
VGAIN = 0.7V
Figure 58. Large Signal Pulse Response to Differential Output
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
20
40
60
80
100
120
140
160
TIME (ns)
2V p-p (VOL)
2V p-p (VOH)
1V p-p (VOL)
1V p-p (VOH)
Figure 59. VOCM Large Signal Pulse Response
1V p-p
2V p-p
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–40
–20
0
20
40
60
80
100
TIME (ns)
Figure 60. OFSx Large Signal Pulse Response
TIME (ns)
–1.0
–0.5
0
0.5
1.0
CL = 0pF
CL = 10pF
CL = 22pF
–40
–20
0
20
40
60
80
100
VGAIN = 0.7V
Figure 61. Large Signal Pulse Response to VGAx for Various Capacitive Loads
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TIME (ns)
CL = 0pF
CL = 10pF
CL = 22pF
–40
–20
0
20
40
60
80
100
Figure 62. Large Signal Pulse Response to Differential Output for
Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com