Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-2YCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4950-2YCPZ-R7
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-2YCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4950-2YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 4 of
28
VOCM to VOUT, cm Performance
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOCM DYNAMIC PERFORMANCE
−3 dB Small-Signal Bandwidth
VOUT, cm = 100 mV p-p
250
MHz
−3 dB Large-Signal Bandwidth
VOUT, cm = 2 V p-p
105
MHz
Slew Rate
VIN = 1.5 V to 3.5 V, 25% to 75%
430
V/μs
Input Voltage Noise (Referred to Input)
f = 1 MHz
9.8
nV/√Hz
VOCM INPUT CHARACTERISTICS
Input Voltage Range
–VS + 1.2 to
+VS – 1.2
V
Input Resistance
22
26
32
kΩ
Input Offset Voltage
V+DIN = V−DIN = 0 V
−6
+0.8
+6
mV
VOCM CMRR
ΔVOUT, dm/ΔVOCM, ΔVOCM = ±1 V
−60
−49
dB
Gain
ΔVOUT, cm/ΔVOCM, ΔVOCM = ±1 V
0.98
1.0
1.01
V/V
General Performance
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
3.0
11
V
Quiescent Current per Amplifier
8.8
9.5
10.1
mA
TMIN to TMAX variation
31
μA/°C
Powered down
0.7
1.0
mA
Power Supply Rejection Ratio
ΔVOUT, dm/ΔVS, ΔVS = 1 V p-p
−96
−84
dB
POWER-DOWN (PD)
PD Input Voltage
Powered down
≤(+VS – 2.5)
V
Enabled
≥(+VS – 1.8)
V
Turn-Off Time
600
ns
Turn-On Time
28
ns
PD Pin Bias Current per Amplifier
Enabled
PD = 5 V
−1.0
+0.2
+1.0
μA
Disabled
PD = 0 V
−250
−180
−140
μA
OPERATING TEMPERATURE RANGE
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com