Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-2YCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4950-2YCPZ-R7
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-2YCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4950-2YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 8 of
28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
+INB
2
+INA
3
–INA
4
–INB
11 –OUT
12 PD
10 +OUT
9VOCM
ADA4950-1
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. SOLDER THE EXPOSED PADDLE ON THE BACK OF
THE PACKAGE TO A GROUND PLANE OR TO A
POWER PLANE.
Figure 5. ADA4950-1 Pin Configuration
PIN 1
INDICATOR
1
2
3
4
5
6
15
16
17
18
14
13
TOP VIEW
(Not to Scale)
ADA4950-2
–INA1
–INB1
+VS1
+VS1
+INB2
+INA2
–VS2
–VS2
VOCM1
+OUT1
PD2
–OUT2
NOTES
1. SOLDER THE EXPOSED PADDLE ON THE BACK OF
THE PACKAGE TO A GROUND PLANE OR TO A
POWER PLANE.
Figure 6. ADA4950-2 Pin Configuration
Table 9. ADA4950-1 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
+INB
Positive Input B, 250 Ω Input. Use alone for G = 2 or tie to +INA for G = 3.
2
+INA
Positive Input A, 500 Ω Input. Use alone for G = 1 or tie to +INB for G = 3.
3
−INA
Negative Input A, 500 Ω Input. Use alone for G = 1 or tie to −INB for G = 3.
4
−INB
Negative Input B, 250 Ω Input. Use alone for G = 2 or tie to −INA for G = 3.
5 to 8
+VS
Positive Supply Voltage.
9
VOCM
Output Common-Mode Voltage.
10
+OUT
Positive Output.
11
−OUT
Negative Output.
12
PD
Power-Down Pin.
13 to 16
−VS
Negative Supply Voltage.
17 (EPAD)
Exposed Paddle (EPAD)
Solder the exposed paddle on the back of the package to a ground plane or to a power plane.
Table 10. ADA4950-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−INA1
Negative Input A, Amplifier 1, 500 Ω Input. Use alone for G = 1 or tie to –INB1 for G = 3.
2
−INB1
Negative Input B, Amplifier 1, 250 Ω Input. Use alone for G = 2 or tie to –INA1 for G = 3.
3, 4
+VS1
Positive Supply Voltage, Amplifier 1.
5
+INB2
Positive Input B, Amplifier 2, 250 Ω Input. Use alone for G = 2 or tie to +INA2 for G = 3.
6
+INA2
Positive Input A, Amplifier 2, 500 Ω Input. Use alone for G = 1 or tie to +INB2 for G = 3.
7
−INA2
Negative Input A, Amplifier 2, 500 Ω Input. Use alone for G = 1 or tie to –INB2 for G = 3.
8
−INB2
Negative Input B, Amplifier 2, 250 Ω Input. Use alone for G = 2 or tie to –INA2 for G = 3.
9, 10
+VS2
Positive Supply Voltage, Amplifier 2.
11
VOCM2
Output Common-Mode Voltage, Amplifier 2.
12
+OUT2
Positive Output, Amplifier 2.
13
−OUT2
Negative Output, Amplifier 2.
14
PD2
Power-Down Pin, Amplifier 2.
15, 16
−VS2
Negative Supply Voltage, Amplifier 2.
17
VOCM1
Output Common-Mode Voltage, Amplifier 1.
18
+OUT1
Positive Output, Amplifier 1.
19
−OUT1
Negative Output, Amplifier 1.
20
PD1
Power-Down Pin, Amplifier 1.
21, 22
−VS1
Negative Supply Voltage, Amplifier 1.
23
+INB1
Positive Input B, Amplifier 1, 250 Ω Input. Use alone for G = 2 or tie to +INA1 for G = 3.
24
+INA1
Positive Input A, Amplifier 1, 500 Ω Input. Use alone for G = 1 or tie to +INB1 for G = 3.
25 (EPAD)
Exposed Paddle (EPAD)
Solder the exposed paddle on the back of the package to a ground plane or to a power plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com