Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-2YCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4950-2YCPZ-R7
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-2YCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4950-2YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Low Power, Selectable Gain
Differential ADC Driver, G = 1, 2, 3
ADA4950-1/ADA4950-2
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
High performance at low power
High speed
−3 dB bandwidth of 750 MHz, G = 1
0.1 dB flatness to 210 MHz, VOUT, dm = 2 V p-p, RL, dm = 200 Ω
Slew rate: 2900 V/μs, 25% to 75%
Fast 0.1% settling time of 9 ns
Low power: 9.5 mA per amplifier
Low harmonic distortion
108 dB SFDR @ 10 MHz
98 dB SFDR @ 20 MHz
Low output voltage noise: 9.2 nV/√Hz, G = 1, RTO
±0.2 mV typical input offset voltage
Selectable differential gains of 1, 2, and 3
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Input common-mode range shifted down by 1 VBE
Wide supply range: +3 V to ±5 V
Available in 16-lead and 24-lead LFCSP packages
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
GENERAL DESCRIPTION
The ADA4950-1/ADA4950-2 are gain-selectable versions of the
ADA4932-1/ADA4932-2 with on-chip feedback and gain resistors.
They are ideal choices for driving high performance ADCs as single-
ended-to-differential or differential-to-differential amplifiers. The
output common-mode voltage is user adjustable by means of an
internal common-mode feedback loop, allowing the ADA4950-1/
ADA4950-2 output to match the input of the ADC. The internal
feedback loop also provides exceptional output balance as well
as suppression of even-order harmonic distortion products.
Differential gain configurations of 1, 2, and 3 are easily realized
with internal feedback networks that are connected externally
to set the closed-loop gain of the amplifier.
The ADA4950-1/ADA4950-2 are fabricated using the Analog
Devices, Inc., proprietary silicon-germanium (SiGe) complementary
bipolar process, enabling them to achieve low levels of distortion and
noise at low power consumption. The low offset and excellent
dynamic performance of the ADA4950-x make it well suited for
a wide variety of data acquisition and signal processing applications.
FUNCTIONAL BLOCK DIAGRAMS
1
+INB
2
+INA
3
–INA
4
+INB
11 –OUT
12 PD
10 +OUT
9VOCM
ADA4950-1
Figure 1. ADA4950-1
ADA4950-2
1
–INA1
2
–INB1
3
+VS1
4
+VS1
5
+INB2
6
+INA2
15 –VS2
16 –VS2
17 VOCM1
18 +OUT1
14 PD2
13 –OUT2
Figure 2. ADA4950-2
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
VOUT, dm =2V p-p
0.1
1
10
100
HD2, ±5V
HD3, ±5V
HD2, ±2.5V
HD3, ±2.5V
Figure 3. Harmonic Distortion vs. Frequency at Various Supplies
The ADA4950-x is available in a Pb-free, 3 mm × 3 mm, 16-lead
LFCSP (ADA4950-1, single) or a Pb-free, 4 mm × 4 mm, 24-lead
LFCSP (ADA4950-2, dual). The pinout has been optimized to
facilitate PCB layout and minimize distortion. The ADA4950-1/
ADA4950-2 are specified to operate over the −40°C to +105°C
temperature range; both operate on supplies from +3 V to ±5 V.


Similar Part No. - ADA4950-2YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4950-2YCPZ-R7 AD-ADA4950-2YCPZ-R7 Datasheet
600Kb / 26P
Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
Rev. B
ADA4950-2YCPZ-R7 AD-ADA4950-2YCPZ-R7 Datasheet
600Kb / 26P
Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
Rev. B
More results

Similar Description - ADA4950-2YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Texas Instruments
LMP8350 TI1-LMP8350 Datasheet
522Kb / 24P
Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
REV. B
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
ADA4950-1 AD-ADA4950-1_16 Datasheet
600Kb / 26P
Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com