Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-2YCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4950-2YCPZ-R7
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-2YCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4950-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 14 of
28
–60
–50
–40
–30
–20
–10
0
1
10
100
1000
FREQUENCY (MHz)
RL, dm = 200Ω
VIN, dm = 100mV p-p
INPUT SINGLE-ENDED, 50Ω LOAD TERMINATION
OUTPUT DIFFERENTIAL, 100Ω SOURCE TERMINATION
S11: SINGLE-ENDED-TO-SINGLE-ENDED
S22: DIFFERENTIAL-TO-DIFFERENTIAL
S11
S22
Figure 37. Return Loss (S11, S22) vs. Frequency
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
G = 1
G = 2
G = 3
Figure 38. Voltage Noise Spectral Density for Various Gains,
Referred to Output
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0
5
10
15
20
25
30
TIME (ns)
G = 1
G = 2
G = 3
Figure 39. Small-Signal Pulse Response for Various Gains
0.1
1
10
100
1k
0.1
1
10
100
1k
FREQUENCY (MHz)
+OUT
–OUT
VOUT, dm
Figure 40. Closed-Loop Output Impedance Magnitude vs. Frequency, G = 1
15
10
5
0
–5
–10
–15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TIME (µs)
2 × VIN
VOUT, dm
Figure 41. Overdrive Recovery, G = 2
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
5
10
15
20
25
30
TIME (ns)
G = 3
G = 2
G = 1
Figure 42. Large-Signal Pulse Response for Various Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com