Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-2YCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4950-2YCPZ-R7
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-2YCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4950-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4950-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 12 of
28
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
VOUT, dm =2V p-p
0.1
1
10
100
HD2, ±5V
HD3, ±5V
HD2, ±2.5V
HD3, ±2.5V
Figure 25. Harmonic Distortion vs. Frequency at Various Supplies
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–4
–3
–2
–1
0
1
2
3
4
VOCM (V)
VOUT, dm =2V p-p
HD2 AT 10MHz
HD3 AT 10MHz
HD2 AT 30MHz
HD3 AT 30MHz
Figure 26. Harmonic Distortion vs. VOCM at Various Frequencies, ±5 V Supplies
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
HD2, VOUT, dm =2V p-p
HD3, VOUT, dm =2V p-p
HD2, VOUT, dm =4V p-p
HD3, VOUT, dm =4V p-p
0.1
1
10
100
Figure 27. Harmonic Distortion vs. Frequency at Various VOUT, dm
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0
12
345
67
89
10 11 12 13 14
VOUT, dm (V p-p)
VOCM = 0V
HD2, ±5V
HD3, ±5V
HD2, ±2.5V
HD3, ±2.5V
Figure 28. Harmonic Distortion vs. VOUT, dm, f = 10 MHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
VOCM (V)
VOUT, dm = 2V p-p
HD2 AT 10MHz
HD3 AT 10MHz
HD2 AT 30MHz
HD3 AT 30MHz
Figure 29. Harmonic Distortion vs. VOCM at Various Frequencies, 5 V Supply
–140
–120
–130
–110
–100
–90
–80
–70
–60
–50
FREQUENCY (MHz)
VOUT, dm =2V p-p
0.1
1
10
100
RL, dm =200Ω
RL, dm =1kΩ
Figure 30. Spurious-Free Dynamic Range vs. Frequency at Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com