Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK954/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADCLK954/PCBZ
Description  Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK954/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADCLK954/PCBZ Datasheet HTML 1Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 2Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 3Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADCLK954
Rev. A | Page 4 of 12
Table 3. Input Select Control Pin
Parameter
Symbol
Min
Typ
Max
Unit
Logic 1 Voltage
VIH
VCC − 0.4
VCC
V
Logic 0 Voltage
VIL
VEE
1.0
V
Logic 1 Current
IIH
100
μA
Logic 0 Current
IIL
0.6
mA
Capacitance
2
pF
Table 4. Power
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage Requirement
VCC − VEE
2.97
3.63
V
3.3 V + 10%
Power Supply Current
Static
Negative Supply Current
IVEE
118
160
mA
VCC − VEE = 3.3 V ± 10%
Positive Supply Current
IVCC
406
460
mA
VCC − VEE = 3.3 V ± 10%
Power Supply Rejection1
PSRVCC
<3
ps/V
VCC − VEE = 3.3 V ± 10%
Output Swing Supply Rejection2
PSRVCC
28
dB
VCC − VEE = 3.3 V ± 10%
1 Change in tPD per change in VCC.
2 Change in output swing per change in VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com