Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK954/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADCLK954/PCBZ
Description  Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK954/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCLK954/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 9Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 10Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 11Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADCLK954
Rev. A | Page 8 of 12
1.56
1.54
1.52
1.50
1.48
1.46
1.44
1.42
2.75 2.85 2.95 3.05 3.15 3.25 3.35 3.45 3.55 3.65 3.75
POWER SUPPLY (V)
+85°C
+25°C
–40°C
Figure 9. Differential Output Voltage Swing vs. Power Supply Voltage vs.
Temperature, VID = 1.6 V p-p
500
100
150
200
250
300
350
400
450
2.9
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
SUPPLY VOLTAGE (V)
ICC
IEE
+85°C
+25°C
–40°C
Figure 10. Power Supply Current vs. Power Supply Voltage vs. Temperature,
All Outputs Loaded (50 Ω to VCC − 2 V)
–90
–170
–160
–150
–140
–130
–120
–110
–100
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
CLOCK SOURCE
ADCLK954
ABSOLUTE PHASE NOISE MEASURED @ 1GHz WITH AGILENT
E5052 USING WENZEL CLOCK SOURCE CONSISTING OF A
WENZEL 100MHz CRYSTAL OSCILLATOR (P/N 500-06672),
WENZEL 5× MULTIPLIER (P/N LNOM-100-5-13-14-F-A), AND A
WENZEL 2× MULTIPLIER (P/N LNDD-500-14-14-1-D).
Figure 11. Absolute Phase Noise Measured @1 GHz
300
250
200
150
100
50
0
02
20
15
10
5
INPUT SLEW RATE (V/ns)
5
Figure 12. RMS Random Jitter vs. Input Slew Rate, VID Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com