Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK954/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADCLK954/PCBZ
Description  Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK954/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCLK954/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 9Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 10Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 11Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADCLK954
Rev. A | Page 11 of 12
INPUT TERMINATION OPTIONS
VREF
VCC
VT
CLK
CLK
CONNECT VT TO VCC.
50Ω
50Ω
Figure 19. Interfacing to CML Inputs
VREF
VT
CONNECT VT TO VCC − 2V.
VCC – 2V
50Ω
50Ω
CLK
CLK
Figure 20. Interfacing to PECL Inputs
VREF
VT
CONNECT VT TO VREF.
50Ω
50Ω
CLK
CLK
Figure 21. AC Coupling Differential Signals Inputs, Such As LVDS
VREF
VT
CONNECT VT, VREF, AND CLK. PLACE A BYPASS
CAPACITOR FROM VT TO GROUND.
ALTERNATIVELY, VT, VREF, AND CLK CAN BE
CONNECTED, GIVING A CLEANER LAYOUT AND
A 180º PHASE SHIFT.
50Ω
50Ω
CLK
CLK
Figure 22. Interfacing to AC-Coupled Single-Ended Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com