Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK954/PCBZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADCLK954/PCBZ
Description  Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK954/PCBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCLK954/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 9Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 10Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 11Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADCLK954
Rev. A | Page 10 of 12
CLOCK INPUT SELECT (IN_SEL) SETTINGS
A Logic 0 on the IN_SEL pin selects the Input CLK0 and
Input CLK0. A Logic 1 on the IN_SEL pin selects Input CLK1
and Input CLK1.
PCB LAYOUT CONSIDERATIONS
The ADCLK954 buffer is designed for very high speed applica-
tions. Consequently, high speed design techniques must be used
to achieve the specified performance. It is critically important
to use low impedance supply planes for both the negative supply
(VEE) and the positive supply (VCC) planes as part of a multilayer
board. Providing the lowest inductance return path for switching
currents ensures the best possible performance in the target
application.
The following references to GND plane assume that the VEE
power plane is grounded for LVPECL operation. Note that for
ECL operation, the VCC power plane becomes the ground plane.
It is also important to adequately bypass the input and output
supplies. Place a 1 μF electrolytic bypass capacitor within several
inches of each VCC power supply pin to the GND plane. In
addition, place multiple high quality 0.001 μF bypass capacitors
as close as possible to each of the VCC supply pins and connect
the capacitors to the GND plane with redundant vias. Carefully
select high frequency bypass capacitors for minimum induc-
tance and ESR. To improve the effectiveness of the bypass at
high frequencies, minimize parasitic layout inductance. Also,
avoid discontinuities along input and output transmission lines
that can affect jitter performance.
In a 50 Ω environment, input and output matching have a
significant impact on performance. The buffer provides internal
50 Ω termination resistors for both CLKx and CLKx inputs.
Normally, the return side is connected to the reference pin that is
provided. Carefully bypass the termination potential using
ceramic capacitors to prevent undesired aberrations on the
input signal due to parasitic inductance in the termination
return path. If the inputs are dc-coupled to a source, take care to
ensure that the pins are within the rated input differential and
common-mode ranges.
If the return is floated, the device exhibits a 100 Ω cross termi-
nation, but the source must then control the common-mode
voltage and supply the input bias currents.
There are ESD/clamp diodes between the input pins to prevent
the application from developing excessive offsets to the input
transistors. ESD diodes are not optimized for best ac perfor-
mance. When a clamp is required, it is recommended that
appropriate external diodes be used.
Exposed Metal Paddle
The exposed metal paddle on the ADCLK954 package is both
an electrical connection and a thermal enhancement. For the
device to function properly, the paddle must be properly
attached to the VEE power plane.
When properly mounted, the ADCLK954 also dissipates heat
through its exposed paddle. The PCB acts as a heat sink for the
ADCLK954. The PCB attachment must provide a good thermal
path to a larger heat dissipation area. This requires a grid of vias
from the top layer down to the VEE power plane (see Figure 18).
The ADCLK954 evaluation board (ADCLK954/PCBZ) provides
an example of how to attach the part to the PCB.
VIAS TO VEE POWER
PLANE
Figure 18. PCB Land for Attaching Exposed Paddle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com