Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK954/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADCLK954/PCBZ
Description  Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK954/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCLK954/PCBZ Datasheet HTML 2Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 3Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 9Page - Analog Devices ADCLK954/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCLK954
Rev. A | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EPAD MUST BE SOLDERED TO VEE POWER PLANE.
1
IN_SEL
2
CLK0
3
CLK0
4
VREF0
5
VT0
6
CLK1
7
CLK1
8
VT1
9
VREF1
10
VEE
23 Q7
24 Q6
25 Q6
26 Q5
27 Q5
28 Q4
29 Q4
30 VCC
22 Q7
21 VCC
TOP VIEW
(Not to Scale)
ADCLK954
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN_SEL
Input Select. Logic 0 selects CLK0 and CLK0 inputs. Logic 1 selects CLK1 and CLK1 inputs.
2
CLK0
Differential Input (Positive) 0.
3
CLK0
Differential Input (Negative) 0.
4
VREF0
Reference Voltage. Reference voltage for biasing ac-coupled CLK0 and CLK0 inputs.
5
VT0
Center Tap. Center tap of a 100 Ω input resistor for CLK0 and CLK0 inputs.
6
CLK1
Differential Input (Positive) 1.
7
CLK1
Differential Input (Negative) 1.
8
VT1
Center Tap. Center tap of a 100 Ω input resistor for CLK1 and CLK1 inputs.
9
VREF1
Reference Voltage. Reference voltage for biasing ac-coupled CLK1 and CLK1 inputs.
10
VEE
Negative Supply Pin.
11, 20, 21,
30, 31, 40
VCC
Positive Supply Pin.
12, 13
Q11, Q11
Differential LVPECL Outputs.
14, 15
Q10, Q10
Differential LVPECL Outputs.
16, 17
Q9, Q9
Differential LVPECL Outputs.
18, 19
Q8, Q8
Differential LVPECL Outputs.
22, 23
Q7, Q7
Differential LVPECL Outputs.
24, 25
Q6, Q6
Differential LVPECL Outputs.
26, 27
Q5, Q5
Differential LVPECL Outputs.
28, 29
Q4, Q4
Differential LVPECL Outputs.
32, 33
Q3, Q3
Differential LVPECL Outputs.
34, 35
Q2, Q2
Differential LVPECL Outputs.
36, 37
Q1, Q1
Differential LVPECL Outputs.
38, 39
Q0, Q0
Differential LVPECL Outputs.
(41)
EPAD
EPAD must be connected to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com