Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2914 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2914 Datasheet HTML 2Page - Analog Devices ADM2914 Datasheet HTML 3Page - Analog Devices ADM2914 Datasheet HTML 4Page - Analog Devices ADM2914 Datasheet HTML 5Page - Analog Devices ADM2914 Datasheet HTML 6Page - Analog Devices ADM2914 Datasheet HTML 7Page - Analog Devices ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices ADM2914 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM2914
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.505
0.503
0.504
0.501
0.502
0.499
0.500
0.497
0.498
0.495
0.496
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
Figure 4. Input Threshold Voltage vs. Temperature
100
50
–40
–15
10
35
60
85
TEMPERATURE (°C)
VCC = 6V
VCC = 2.3V
VCC = 3.3V
95
90
85
80
75
70
65
60
55
Figure 5. Supply Current vs. Temperature
6.80
6.40
–40
–15
10
35
60
85
TEMPERATURE (°C)
6.75
6.70
6.65
6.60
6.55
6.50
6.45
200µA
1mA
2mA
5mA
10mA
Figure 6. VCC Shunt Voltage vs. Temperature
6.80
6.40
02
4
6
8
10
ICC (mA)
6.75
6.70
6.65
6.60
6.55
6.50
6.45
+25°C
–40°C
+85°C
Figure 7. VCC Shunt Voltage vs. ICC
1.005
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 8. Buffered Reference Voltage vs. Temperature
1000
900
800
700
600
500
400
300
200
100
0
0.1
1
10
100
COMPARATOR OVERDRIVE (% OF VTH)
VCC = 2.3V
VCC = 6V
RESET ASSERTED
ABOVE THE LINE
Figure 9. Transient Duration vs. Comparator Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com