Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2914 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM2914 Datasheet HTML 4Page - Analog Devices ADM2914 Datasheet HTML 5Page - Analog Devices ADM2914 Datasheet HTML 6Page - Analog Devices ADM2914 Datasheet HTML 7Page - Analog Devices ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices ADM2914 Datasheet HTML 10Page - Analog Devices ADM2914 Datasheet HTML 11Page - Analog Devices ADM2914 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM2914
Rev. 0 | Page 8 of 16
THEORY OF OPERATION
VOLTAGE SUPERVISION
The ADM2914 supervises up to four voltage rails for overvol-
tage and undervoltage conditions. Two pins, VHx and VLx, are
assigned to monitor each rail, one for overvoltage detection and
the other for undervoltage detection. Each pin is connected to
the input of an internal voltage comparator, and its voltage level
is internally compared with a 0.5 V voltage reference with
accuracy of ±1.5%.
The output of each of the internal undervoltage comparators is
tied to a common UV output pin. Likewise, the outputs of the
internal overvoltage comparators are tied to a common
VH1
1.8V
VL1
VH2
VL2
VH3
VL3
VH4
VL4
SEL
TIMER
UV
OV
LATCH/DIS
REF
GND
VCC
ADM2914
2.5V
3.3V
5V
SYSTEM
PSU
OV
output pin.
Figure 16. Typical Applications Diagram
POLARITY CONFIGURATION
The ADM2914 is capable of monitoring supply voltages of both
positive and negative polarities. The SEL pin is a three-state pin
that determines the polarity of Input 3 and Input 4. As summa-
rized in Table 5, the SEL pin is either connected to GND, VCC,
or left unconnected.
When an input is configured to monitor a positive voltage, using
the three-resistor scheme shown in Figure 17, VHx is connected
to the high-side tap of the resistor divider and VLx is connected
to the low-side tap of the resistor divider.
Conversely, when an input is configured to monitor a negative
voltage, UVx and OVx are swapped internally. The negative
voltage for monitoring is then connected as shown in Figure 18.
VHx is still connected to the high-side tap and VLx is still
connected to the low-side tap. Within this configuration, an
undervoltage condition occurs when the monitored voltage is less
negative than the programmed threshold, and an overvoltage
condition occurs when the monitored voltage is more negative
than the configured threshold.
Table 5. Polarity Configuration
Input 3
Input 4
SEL Pin
Polarity
UV Condition
OV Condition
Polarity
UV Condition
OV Condition
Connected to V
CC
Positive
VH3 < 0.5 V
VL3 > 0.5 V
Positive
VH4 < 0.5 V
VL4 > 0.5 V
Left Unconnected
Positive
VH3 < 0.5 V
VL3 > 0.5 V
Negative
VL4 > 0.5 V
VH4 < 0.5 V
Connected to GND
Negative
VL3 > 0.5 V
VH3 < 0.5 V
Negative
VL4 > 0.5 V
VH4 < 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com