Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2914 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM2914 Datasheet HTML 3Page - Analog Devices ADM2914 Datasheet HTML 4Page - Analog Devices ADM2914 Datasheet HTML 5Page - Analog Devices ADM2914 Datasheet HTML 6Page - Analog Devices ADM2914 Datasheet HTML 7Page - Analog Devices ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices ADM2914 Datasheet HTML 10Page - Analog Devices ADM2914 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM2914
Rev. 0 | Page 7 of 16
12
11
10
9
8
7
6
–40
–15
10
35
60
85
TEMPERATURE (°C)
Figure 10. UV/
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
SUPPLY VOLTAGE, VCC (V)
WITH 10k
Ω PULL-UP
WITHOUT PULL-UP
OV Timeout Period vs. Temperature
Figure 11. UV
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1
2
3
4
5
SUPPLY VOLTAGE, VCC (V)
VHx = 0.55V
SEL = VCC
Output Voltage vs. VCC
Figure 12. UV
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
0
1
2
3
4
5
6
SUPPLY VOLTAGE, VCC (V)
VHx = 0.45V
SEL = VCC
UV = 150mV
UV = 50mV
Output Voltage vs. VCC
Figure 13. ISINK, IUV
1000
900
800
700
600
500
400
300
200
100
0
0
5
10
15
ISINK (mA)
+85°C
+25°C
– 40°C
vs. VCC
Figure 14. UV/
10k
1k
100
10
1
0.1
1
10
100
1000
TIMER PIN CAPACITANCE CTIMER (nF)
OV Voltage Output Low vs. Output Sink Current
Figure 15. UV/OV Timeout Period vs. Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com