Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2914 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 3 Page - Analog Devices

  ADM2914 Datasheet HTML 1Page - Analog Devices ADM2914 Datasheet HTML 2Page - Analog Devices ADM2914 Datasheet HTML 3Page - Analog Devices ADM2914 Datasheet HTML 4Page - Analog Devices ADM2914 Datasheet HTML 5Page - Analog Devices ADM2914 Datasheet HTML 6Page - Analog Devices ADM2914 Datasheet HTML 7Page - Analog Devices ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM2914
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = −40°C to +85°C. Typical values at TA = 25°C, unless otherwise noted. VCC = 3.3 V, VLx = 0.45 V, VHx = 0.55 V, LATCH
Table 1.
= VCC,
SEL = VCC, DIS = open, unless otherwise noted.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SHUNT REGULATOR
VCC Shunt Regulator Voltage, VSHUNT
6.2
6.6
6.9
V
ICC = 5 mA
6.2
6.6
7.0
V
TA = −40°C to +125°C
VCC Shunt Regulator Load Regulation, ΔVSHUNT
200
300
mV
ICC = 2 mA to 10 mA
SUPPLY
Supply Voltage, VCC1
2.3
VSHUNT
V
Minimum VCC Output Valid, VCCR(MIN)
1
V
DIS = 0 V
Supply Undervoltage Lockout, VCC(UVLO)
1.9
2
2.1
V
DIS = 0 V, VCC rising
Supply Undervoltage Lockout Hysteresis, ΔVCC(HYST)
5
25
50
mV
DIS = 0 V
Supply Current, ICC
62
100
μA
VCC = 2.3 V to 6 V
REFERENCE OUTPUT
Reference Output Voltage, VREF
0.985
1
1.015
V
IVREF = ±1 mA
0.985
1
1.020
V
TA = −40°C to +125°C
UNDERVOLTAGE/OVERVOLTAGE CHARACTERISTICS
Undervoltage/Overvoltage Threshold, VUOT
492.5
500
507.5
mV
Undervoltage/Overvoltage Threshold to Output Delay, tUOD
50
125
500
μs
VHx = VUOT − 5 mV or VLx = VUOT + 5 mV
VHx, VLx Input Current, IVHL
±15
nA
±30
nA
TA = −40°C to +125°C
UV/
6
OV Timeout Period, tUOTO
8.5
12.5
ms
CTIMER = 1 nF
6
8.5
14
ms
TA = −40°C to +125°C
OV LATCH CLEAR INPUT (ADM2914-1)
OV Latch Clear Threshold Input High, V
1.2
LATCH(IH)
V
OV Latch Clear Threshold Input Low, V
LATCH(IL)
0.8
V
LATCH Input Current, ILATCH
±1
μA
V
LATCH > 0.5 V
DISABLE INPUT (ADM2914-2)
DIS Input High, VDIS(IH)
1.2
V
DIS Input Low, VDIS(IL)
0.8
V
DIS Input Current, IDIS
1
2
3
μA
VDIS > 0.5 V
TIMER CHARACTERISTICS
TIMER Pull-Up Current, ITIMER(UP)
−1.3
−2.1
−2.8
μA
VTIMER = 0 V
−1.2
−2.1
−2.8
μA
TA = −40°C to +125°C
TIMER Pull-Down Current, ITIMER(DOWN)
1.3
2.1
2.8
μA
VTIMER = 1.6 V
1.2
2.1
2.8
μA
TA = −40°C to +125°C
TIMER Disable Voltage, VTIMER(DIS)
−180
−270
mV
Referenced to VCC
OUTPUT VOLTAGE
Output Voltage High, UV/
1
OV, VOH
V
VCC = 2.3 V; IUV/OV = −1 μA
Output Voltage Low, UV/OV, VOL
0.1
0.3
V
VCC = 2.3 V; IUV/OV = 2.5 mA
0.01
0.15
V
VCC = 1 V; IUV = 100 μA
THREE-STATE INPUT SEL
Low Level Input Voltage, VIL
0.4
V
High Level Input Voltage, VIH
1.4
V
Pin Voltage When Left in High-Z State, VZ
0.7
0.9
1.1
V
ISEL = ±10 μA
0.6
0.9
1.2
V
TA = −40°C to +125°C
SEL High, Low Input Current, ISEL
±25
μA
Maximum SEL Input Current, ISEL(MAX)
±30
μA
SEL tied to VCC or GND
1 The maximum voltage on the V
CC pin is limited by the input current. The VCC pin has an internal 6.5 V shunt regulator and, therefore, a low impedance supply greater
than 6 V may exceed the maximum allowed input current. When operating from a higher supply than 6 V, always use a dropping resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com