Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2914 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 1 Page - Analog Devices

  ADM2914 Datasheet HTML 1Page - Analog Devices ADM2914 Datasheet HTML 2Page - Analog Devices ADM2914 Datasheet HTML 3Page - Analog Devices ADM2914 Datasheet HTML 4Page - Analog Devices ADM2914 Datasheet HTML 5Page - Analog Devices ADM2914 Datasheet HTML 6Page - Analog Devices ADM2914 Datasheet HTML 7Page - Analog Devices ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Quad UV/OV Positive/Negative
Voltage Supervisor
ADM2914
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Quad UV/OV positive/negative supervisor
Supervises up to 2 negative rails
Adjustable UV and OV input thresholds
High threshold accuracy over temperature: ±1.5%
1 V buffered reference output
Open-drain UV and
APPLICATIONS
OV reset outputs
Adjustable reset timeout with disable option
Outputs guaranteed down to V
CC of 1 V
Glitch immunity
62 µA supply current
16-lead QSOP package
Server supply monitoring
FPGA/DSP core and I/O voltage monitoring
Telecommunications equipment
Medical equipment
FUNCTIONAL BLOCK DIAGRAM
TIMER
TIMER
VCC
LOGIC
OUTPUT
LOGIC
REF
500mV
500mV
500mV
500mV
MUX
SEL
GND
ADM2914
VH1
UV
OV
REF
LATCH/DIS
VL1
VH2
VL2
VH3
VL3
VH4
VL4
Figure 1.
GENERAL DESCRIPTION
The ADM2914 is a quad voltage supervisory IC ideally suited
for monitoring multiple rails in a wide range of applications.
Each monitored rail has two dedicated input pins, VHx and VLx,
which allows each rail to be monitored for both overvoltage
(OV) and undervoltage (UV) conditions. A common active low
undervoltage (UV) and overvoltage (
The device incorporates an internal shunt regulator that enables
the device to be used in higher voltage systems. This feature
requires a resistor to be placed between the main supply rail and
the VCC pin to limit the current flow into the VCC pin to no
greater than 10 mA. The ADM2914 uses the internal shunt
regulator to regulate VCC if the supply line exceeds the absolute
maximum ratings.
The ADM2914 is available in two models. The ADM2914-1
offers a latching overvoltage output that can be cleared by
toggling the
OV) pin is shared by each
of the monitored voltage rails.
The ADM2914 includes a 1 V buffered reference output, REF,
that acts as an offset when monitoring a negative voltage. The
three-state SEL pin determines the polarity of the third and
fourth inputs, that is, it configures the device to monitor
positive or negative supplies.
LATCH input pin. The ADM2914-2 has a disable
pin that can override and disable both the OV and UV
The ADM2914 is available in a 16-lead QSOP package. The
device operates over the extended temperature range of −40°C
to +125°C.
output
signals.


Similar Part No. - ADM2914

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
371Kb / 16P
Quad UV/OV Positive/Negative
REV. B
ADM2914-1ARQZ AD-ADM2914-1ARQZ Datasheet
371Kb / 16P
Quad UV/OV Positive/Negative
REV. B
ADM2914-1ARQZ-RL7 AD-ADM2914-1ARQZ-RL7 Datasheet
371Kb / 16P
Quad UV/OV Positive/Negative
REV. B
ADM2914-2ARQZ AD-ADM2914-2ARQZ Datasheet
371Kb / 16P
Quad UV/OV Positive/Negative
REV. B
ADM2914-2ARQZ-RL7 AD-ADM2914-2ARQZ-RL7 Datasheet
371Kb / 16P
Quad UV/OV Positive/Negative
REV. B
More results

Similar Description - ADM2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADM12914 AD-ADM12914 Datasheet
826Kb / 16P
짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
Quad UV/OV Positive/Negative
REV. B
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
Single UV/OV Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com