Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3333 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC3333
Description  ENERGY METERING IC WITH PULSE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3333 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC3333 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SC3333
ENERGY METERING IC WITH PULSE OUTPUT
SOP-16-225-1.27
DESCRIPTION
The SC3333 is a high accuracy electrical energy measurement IC
that can provides superior stability and accuracy over extremes in
environmental conditions and over time. The SC3333 does not exhibit
any creep when there is no load.
The SC3333 supplies average real power information on the low
frequency outputs F1 and F2. This logic outputs may be used to
directly drive an electromechanically counter or interface to an MCU.
The CF logic output gives instantaneous real power information. This
output is intended to be used for calibration purposes, or interfacing to
an MCU.
The SC3333 includes a power supply monitoring circuit on the VDD
supply pin. If the supply falls below 4V, the SC3333 will be reset and
F1, F2 will be set to logic high, CF will be set to logic low at the same
time.
The SC3333 provides synchronous frequency output for auto-
reading meter system. The CF logic output is synchronous with the F1
and F2 logic output to ensure the show value of the meter is
consonant with the real value.
ORDERING INFORMATION
Device
Package
SC3333
SOP-16-225-1.27
FEATURES
* Single 5V supply, low power.
* On-chip power supply monitoring.
* On-chip reference with external overdrive capability.
* Supplies average real power on the frequency outputs F1 and F2, which can drive for electromechanical
counters directly.
* The high frequency output CF is intended for calibration and supplies instantaneous real power.
* Less than 0.1% error over a dynamic range of 500 to 1.
* On-chip creep protection (No load threshold).
* The logic output REVP can be used to indicate a potential miswiring or negative power.
* A PGA in the current channel make flexible to select the shunt and burden resistance.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.04.29
Http
: www.silan.com.cn
Page 1 of 8


Similar Part No. - SC3333

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SC33303440 SKYWORKS-SC33303440 Datasheet
65Kb / 3P
MIS Chip Capacitors
SC33303440 SKYWORKS-SC33303440 Datasheet
161Kb / 5P
MIS Chip Capacitors
May 25, 2011
More results

Similar Description - SC3333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
Energy Metering IC with Pulse Output
REV. B
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
Energy Metering IC with Pulse Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com