Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3333 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC3333
Description  ENERGY METERING IC WITH PULSE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3333 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC3333 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SC3333
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.04.29
Http
: www.silan.com.cn
Page 3 of 8
(Continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V1 Phase Lead
37
°
--
--
±0.1
°
Phase Error
1
Between
Channels
V1 Phase Lag 60
°
EP
--
--
--
±0.1
°
Output Frequency Rejection (AC)
CFA
V1=100mV, V2=100mV,
SET=0
--
0.01
--
%
Output Frequency Rejection (DC)
CFD
V1=100mV, V2=100mV,
VDD=5V
±250mV
--
0.01
--
%
ANALOG INPUTS
Maximum Signal Levels
LEVS
V1P, VIN V2N and V2P to AGND
--
--
±1
V
Input Impedance (DC)
IMIN
CLKIN=3.58MHz
400
--
--
k
Ω
Bandwidth (-3dB)
BW
CLKIN/256, CLKIN=3.58MHz
--
14
--
kHz
ADC Offset Error
1,2
EADC
--
--
15
mV
Gain Error
1
EG
V1=470mV, V2=660mV
--
±4
--
%
Gain Error Match
1
EGM
External 2.5V reference
--
±0.2
--
%
REFERENCE INPUT
REFIN/OUT Input Voltage Range
VINR
2.5V
±8%
2.3
--
2.7
V
Input Impedance
IMIN
--
3.7
--
--
k
Ω
Input Capacitance
CIN
--
--
--
10
pF
ON-CHIP REFERENCE
Reference Error
ER
--
--
200
mV
Temperature Coefficient
TC
Nominal 2.5V
--
30
60
ppm/
°C
CLKIN
Input Clock Frequency
CLKIN
Note all specifications for
CLKIN of 3.58MHz
1
--
4
MHz
LOGIC INPUTS3
Input High Voltage
VINH
VDD=5V
±5%
2.4
--
--
V
Input Low Voltage
VINL
VDD=5V
±5%
--
--
0.8
V
Input Current
IIN
Typically 10nA, VIN=0V to VDD
--
--
±3
μA
Input Capacitance
CIN
--
--
10
pF
LOGIC OUTPUTS3
Output High
Voltage
VOH
ISOURCE=10mA,VDD=5V
4.5
--
--
V
F1 and F2
Output Low
Voltage
VOL
ISINK=10mA, VDD=5V
--
--
0.5
V
Output High
Voltage
VOH
ISOURCE=5mA,VDD=5V
4
--
--
V
CF and REVP
Output Low
Voltage
VOL
ISINK=5mA, VDD=5V
--
--
0.5
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com