Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3333 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC3333
Description  ENERGY METERING IC WITH PULSE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3333 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC3333 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SC3333
PIN CONFIGURATION
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13 DGND
VDD
AGND
SET
V1P
V1N
V2P
V2N
REFIN/OUT
CLKIN
CLKOUT
REVP
CF
F1
F2
RESET
PIN DESCRIPTION
Pin No.
Symbol
Description
1
VDD
Power Supply.
2
V1P
3
V1N
Positive and Negative Inputs for Channel 1 (Current Channel). Channel 1 has a
PGA and the gain selections are outlined in Table I. The maximum signal level at
these pins is
±1V with respect to AGND.
4
V2N
5
V2P
Negative and Positive Inputs for Channel 2 (Voltage Channel). The maximum
differential input voltage is
±660mV for specified operation. The maximum signal
level at these pins is
±1V with respect to AGND.
6
RESET
Reset Pin for the SC3333. A logic low is valid.
7
REFIN/OUT
Reference voltage input/output pin.
8
AGND
Analog ground.
9
SET
Channel 1 gain select pin. See table 1.
10
CLKIN
3.58MHZ crystal oscillator input pin.
11
CLKOUT
3.58MHZ crystal oscillator output pin.
12
REVP
State indication pin. While negative power or a potential miswriting occurs, it will be
set to logic high.
13
DGND
Digital ground.
14
CF
Calibration Frequency Logic Output..
15
F2
16
F1
Low Frequency Logic Outputs. They can be used to directly drive a stepper motor
or electromechanical impulse counter.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.04.29
Http
: www.silan.com.cn
Page 4 of 8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com