Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3333 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC3333
Description  ENERGY METERING IC WITH PULSE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3333 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC3333 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SC3333
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
Characteristics
Symbol
Ratings
Unit
VDD to AGND/DGND
VDD
-0.3 ~ +7
V
Analog Input Voltage to AGND
V1P, V1N, V2P and V2N
AVIN
-6 ~ +6
V
Reference Input voltage to AGND
VREF
-0.3 ~ VDD+0.3
V
Digital Input Voltage to DGND
DVIN
-0.3 ~ VDD+0.3
V
Digital Output Voltage to DGND
DVOUT
-0.3 ~ VDD+0.3
V
Power Dissipation
PD
450
mW
Operating Temperature Range
TOPR
-40~ +85
°C
Storage Temperature
TSTG
-65~ +150
°C
Junction Temperature
TJ
+150
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Power Supply
Power Supply
VDD
5V
±5%
4.75
--
5.25
V
Analog Input Current
AIDD
(2mA) TYP.
--
--
3
Digital Input Current
DIDD
(1.5mA) TYP.
--
--
2.5
mA
ACCURACY
Gain=1
Over a dynamic range 500 to 1
--
0.1
--
%
Measurement
Error
1 on
Channel 1
Gain=16
EM
Over a dynamic range 500 to 1
--
0.1
--
%
(To be continued)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.04.29
Http
: www.silan.com.cn
Page 2 of 8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com