Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3333 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC3333
Description  ENERGY METERING IC WITH PULSE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3333 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC3333 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3333 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SC3333
TIMIING CHARACTERISTICS1,2
(VDD=5V
±5%, AGND=DGND=0V, On-chip Reference, CLKIN=3.58MHZ, TMIN to TMAX=-40°C~+85°C.)
Parameter
Test Condition
Test Data
Units
t1
3
F1 and F2 Pulse-width
275
ms
t2
F1 and F2 Pulse Period.
TBD
sec
t3
Time Between F1 Falling Edge and F2 Falling Edge
1/2 t2
sec
t4
3
CF Pulse-width
90
ms
t5
CF Pulse Period.
TBD
sec
t6
Minimum Time Between F1 and F2 Pulse
CLKIN/4
sec
NOTE: 1. Sample tested during initial release and after any redesign or process change that may after this
parameter.
2. See the following figure.
3. The pulse-widths of F1, F2 and CF are not fixed for higher output frequencies.
Timing Diagram for Frequency outputs
Timing Diagram for Frequency Outputs shows a timing diagram for the various frequency outputs of the
SC3333. The low frequency outputs, F1 and F2 can drive electromechanical counters and two phase stepper
motors directly. As the figure show, the F1 and F2 outputs provide two alternating low going pulses. The pulse
width (t1) is set at 275ms and the time between the falling edges of F1 and F2 (t3) is approximately half the
period of F1 (t2). If however the period of F1 and F2 falls below 550 ms (1.81Hz) the pulse width of F1 and F2 is
set to half of their period. The frequency of F1 and F2 corresponds to the input voltages, and F=
(13.6*V1*V2*G)/ VREF
2,The values of G can be set by consumers, and the selection of G please refer to the
table I , V1 and V2 are the rms value of the two inputs, VREF is the voltage of reference, whose value is 2.5+0.2v
when the internal bandgap reference of SC3333 is valid.
The high frequency output, CF is intended for calibration and supplies instantaneous real power. CF produces
a 90ms wide active high pulse (t4) at a frequency proportional to active power. As in the case of F1 and F2, if the
period of CF (t5) falls below 180ms, the CF pulse-width is set to half the period.
APPENDIX
Table I. gain selection for channel 1
SET
Gain
Maximum Differential Signal
0
1
±470mV
1
16
±30mV
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.04.29
Http
: www.silan.com.cn
Page 5 of 8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com