Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2613 Datasheet(PDF) 67 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 67 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 63Page - SONiX Technology Company SN8P2613 Datasheet HTML 64Page - SONiX Technology Company SN8P2613 Datasheet HTML 65Page - SONiX Technology Company SN8P2613 Datasheet HTML 66Page - SONiX Technology Company SN8P2613 Datasheet HTML 67Page - SONiX Technology Company SN8P2613 Datasheet HTML 68Page - SONiX Technology Company SN8P2613 Datasheet HTML 69Page - SONiX Technology Company SN8P2613 Datasheet HTML 70Page - SONiX Technology Company SN8P2613 Datasheet HTML 71Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 67
Version 1.3
7
7
7 I/O PORT
7.1 I/O PORT MODE
The port direction is programmed by PnM register. All I/O ports can select input or output direction.
0B8H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P0M
-
-
-
-
-
-
P01M
P00M
Read/Write
-
-
-
-
-
-
R/W
R/W
After reset
-
-
-
-
-
-
0
0
0C1H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1M
P17M
P16M
-
P14M
P13M
P12M
P12M
P10M
Read/Write
R/W
R/W
-
R/W
R/W
R/W
R/W
R/W
After reset
0
0
-
0
0
0
0
0
0C5H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P5M
P57M
P56M
P55M
P54M
P53M
P52M
P51M
P50M
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
Bit[7:0]
PnM[7:0]:
Pn mode control bits. (n = 0~5).
0 = Pn is input mode.
1 = Pn is output mode.
Note:
1. Users can program them by bit control instructions (B0BSET, B0BCLR).
2. P1.5 is input only pin, and the P1M.5 keeps “1”.
Example: I/O mode selecting
CLR
P0M
; Set all ports to be input mode.
CLR
P1M
CLR
P5M
MOV
A, #0FFH
; Set all ports to be output mode.
B0MOV
P0M, A
B0MOV
P1M, A
B0MOV
P5M, A
B0BCLR
P1M.2
; Set P1.2 to be input mode.
B0BSET
P1M.2
; Set P1.2 to be output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com