Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2613 Datasheet(PDF) 74 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 74 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 70Page - SONiX Technology Company SN8P2613 Datasheet HTML 71Page - SONiX Technology Company SN8P2613 Datasheet HTML 72Page - SONiX Technology Company SN8P2613 Datasheet HTML 73Page - SONiX Technology Company SN8P2613 Datasheet HTML 74Page - SONiX Technology Company SN8P2613 Datasheet HTML 75Page - SONiX Technology Company SN8P2613 Datasheet HTML 76Page - SONiX Technology Company SN8P2613 Datasheet HTML 77Page - SONiX Technology Company SN8P2613 Datasheet HTML 78Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 74
Version 1.3
8.2.3 T0C COUNTING REGISTER
T0C is an 8-bit counter register for T0 interval time control.
0D9H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T0C
T0C7
T0C6
T0C5
T0C4
T0C3
T0C2
T0C1
T0C0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
The equation of T0C initial value is as following.
T0C initial value = 256 - (T0 interrupt interval time * input clock)
Example: To set 10ms interval time for T0 interrupt. High clock is external 4MHz. Fcpu=Fosc/4. Select
T0RATE=010 (Fcpu/64).
T0C initial value = 256 - (T0 interrupt interval time * input clock)
= 256 - (10ms * 4MHz / 4 / 64)
= 256 - (10-2 * 4 * 106 / 4 / 64)
= 100
= 64H
The basic timer table interval time of T0.
High speed mode (Fcpu = 4MHz / 4)
Low speed mode (Fcpu = 32768Hz / 4)
T0RATE
T0CLOCK
Max overflow interval One step = max/256
Max overflow interval
One step = max/256
000
Fcpu/256
65.536 ms
256 us
8000 ms
31250 us
001
Fcpu/128
32.768 ms
128 us
4000 ms
15625 us
010
Fcpu/64
16.384 ms
64 us
2000 ms
7812.5 us
011
Fcpu/32
8.192 ms
32 us
1000 ms
3906.25 us
100
Fcpu/16
4.096 ms
16 us
500 ms
1953.125 us
101
Fcpu/8
2.048 ms
8 us
250 ms
976.563 us
110
Fcpu/4
1.024 ms
4 us
125 ms
488.281 us
111
Fcpu/2
0.512 ms
2 us
62.5 ms
244.141 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com