Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2613 Datasheet(PDF) 39 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 39 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 35Page - SONiX Technology Company SN8P2613 Datasheet HTML 36Page - SONiX Technology Company SN8P2613 Datasheet HTML 37Page - SONiX Technology Company SN8P2613 Datasheet HTML 38Page - SONiX Technology Company SN8P2613 Datasheet HTML 39Page - SONiX Technology Company SN8P2613 Datasheet HTML 40Page - SONiX Technology Company SN8P2613 Datasheet HTML 41Page - SONiX Technology Company SN8P2613 Datasheet HTML 42Page - SONiX Technology Company SN8P2613 Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 39
Version 1.3
3.4 BROWN OUT RESET
3.4.1 BROWN OUT DESCRIPTION
The brown out reset is a power dropping condition. The power drops from normal voltage to low voltage by external
factors (e.g. EFT interference or external loading changed). The brown out reset would make the system not work well
or executing program error.
VDD
VSS
V1
V2
V3
System Work
Well Area
System Work
Error Area
Brown Out Reset Diagram
The power dropping might through the voltage range that’s the system dead-band. The dead-band means the power
range can’t offer the system minimum operation power requirement. The above diagram is a typical brown out reset
diagram. There is a serious noise under the VDD, and VDD voltage drops very deep. There is a dotted line to separate
the system working area. The above area is the system work well area. The below area is the system work error area
called dead-band. V1 doesn’t touch the below area and not effect the system operation. But the V2 and V3 is under the
below area and may induce the system error occurrence. Let system under dead-band includes some conditions.
DC application:
The power source of DC application is usually using battery. When low battery condition and MCU drive any loading,
the power drops and keeps in dead-band. Under the situation, the power won’t drop deeper and not touch the system
reset voltage. That makes the system under dead-band.
AC application:
In AC power application, the DC power is regulated from AC power source. This kind of power usually couples with AC
noise that makes the DC power dirty. Or the external loading is very heavy, e.g. driving motor. The loading operating
induces noise and overlaps with the DC power. VDD drops by the noise, and the system works under unstable power
situation.
The power on duration and power down duration are longer in AC application. The system power on sequence protects
the power on successful, but the power down situation is like DC low battery condition. When turn off the AC power,
the VDD drops slowly and through the dead-band for a while.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com