Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2613 Datasheet(PDF) 49 Page - SONiX Technology Company

Part # SN8P2613
Description  8-Bit Micro-Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2613 Datasheet(HTML) 49 Page - SONiX Technology Company

Back Button SN8P2613 Datasheet HTML 45Page - SONiX Technology Company SN8P2613 Datasheet HTML 46Page - SONiX Technology Company SN8P2613 Datasheet HTML 47Page - SONiX Technology Company SN8P2613 Datasheet HTML 48Page - SONiX Technology Company SN8P2613 Datasheet HTML 49Page - SONiX Technology Company SN8P2613 Datasheet HTML 50Page - SONiX Technology Company SN8P2613 Datasheet HTML 51Page - SONiX Technology Company SN8P2613 Datasheet HTML 52Page - SONiX Technology Company SN8P2613 Datasheet HTML 53Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
SN8P2610 Series
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 49
Version 1.3
4.4 SYSTEM HIGH CLOCK
The system high clock is from internal 16MHz oscillator RC type or external oscillator. The high clock type is controlled
by “High_Clk” code option.
High_Clk Code Option
Description
IHRC_16M
The high clock is internal 16MHz oscillator RC type. XIN and XOUT pins are general
purpose I/O pins.
RC
The high clock is external RC type oscillator. XOUT pin is general purpose I/O pin.
12M
The high clock is external high speed oscillator. The typical frequency is 12MHz.
4M
The high clock is external oscillator. The typical frequency is 4MHz.
4.4.1 INTERNAL HIGH RC
The chip is built-in RC type internal high clock (16MHz) controlled by “IHRC_16M” code options. In “IHRC_16M” mode,
the system clock is from internal 16MHz RC type oscillator and XIN / XOUT pins are general-purpose I/O pins.
IHRC:
High clock is internal 16MHz oscillator RC type. XIN/XOUT pins are general purpose I/O pins.
4.4.2 EXTERNAL HIGH CLOCK
External high clock includes three modules (Crystal/Ceramic, RC and external clock signal). The high clock oscillator
module is controlled by High_Clk code option. The start up time of crystal/ceramic and RC type oscillator is different.
RC type oscillator’s start-up time is very short, but the crystal’s is longer. The oscillator start-up time decides reset time
length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com