Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214C Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SMB214C
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214C Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMB214C Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 17Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
13
SMB214B EFFICIENCY GRAPHS
Efficiency at 3.3V
60
65
70
75
80
85
90
95
100
00.5
11.52
Current (Amps)
5.0V
3.8V
4.2V
3.6V
3.3V
3.0V
60
65
70
75
80
85
90
95
100
00.5
11.5
2
Current(Amps)
5.0V
4.2V
3.8V
3.6V
3.3V
3.0V
60
65
70
75
80
85
90
95
100
00.5
11.5
2
Current(Amps)
5.0V
4.2V
3.8V
3.6V
3.3V
3.0V
60
65
70
75
80
85
90
95
100
0
0.511.52
Current(Amps)
5.0V
4.2V
3.8V
3.6V
3.3V
3.0V
60
65
70
75
80
85
90
95
100
00.5
11.5
2
Current (Amps)
5.0V
4.2V
3.8V
3.6V
3.4V
Efficiency at 2.5V
Efficiency at 1.8V
Efficiency at 1.2V
Efficiency at 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com