Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214C Datasheet(PDF) 22 Page - Summit Microelectronics, Inc.

Part # SMB214C
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214C Datasheet(HTML) 22 Page - Summit Microelectronics, Inc.

Back Button SMB214C Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 26Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
22
I2C PROGRAMMING INFORMATION
SERIAL INTERFACE
Access to the configuration registers, general-purpose
memory and command and status registers is carried
out over an industry standard 2-wire serial interface
(I
2C). SDA is a bi-directional data line and SCL is a
clock input. Data is clocked in on the rising edge of
SCL and clocked out on the falling edge of SCL. All
data transfers begin with the MSB.
During data
transfers, SDA must remain stable while SCL is high.
Data is transferred in 8-bit packets with an intervening
clock period in which an Acknowledge is provided by
the device receiving data. The SCL high period (tHIGH)
is used for generating Start and Stop conditions that
precede and end most transactions on the serial bus.
A high-to-low transition of SDA while SCL is high is
considered a Start condition while a low-to-high
transition of SDA while SCL is high is considered a
Stop condition.
The interface protocol allows operation of multiple
devices and types of devices on a single bus through
unique device addressing.
The address byte is
comprised of a 7-bit device type identifier (slave
address). The remaining bit indicates either a read or
a write operation. Refer to Table 1 for a description of
the address bytes used by the SMB214A/B/C.
The device type identifier for the memory array, the
configuration registers and the command and status
registers are accessible with the same slave address.
The slave address can be can be programmed to any
seven bit number 0000000BIN through 1111111BIN.
WRITE
Writing to the memory or a configuration register is
illustrated in Figures 10 and 11. A Start condition
followed by the slave address byte is provided by the
host;
the
SMB214A/B/C
respond
with
an
Acknowledge; the host then responds by sending the
memory address pointer or configuration register
address pointer; the SMB214A/B/C respond with an
acknowledge; the host then clocks in one byte of data.
For memory and configuration register writes, up to 15
additional bytes of data can be clocked in by the host
to write to consecutive addresses within the same
page.
After the last byte is clocked in and the host receives
an Acknowledge, a Stop condition must be issued to
initiate the nonvolatile write operation.
READ
The address pointer for the non-volatile configuration
registers and memory registers as well as the volatile
command and status registers must be set before data
can be read from the SMB214A/B/C.
This is
accomplished by issuing a dummy write command,
which is a write command that is not followed by a
Stop condition. A dummy write command sets the
address from which data is read. After the dummy
write command is issued, a Start command followed
by the address byte is sent from the host. The host
then waits for an Acknowledge and then begins
clocking data out of the slave device. The first byte
read is data from the address pointer set during the
dummy write command.
Additional bytes can be
clocked out of consecutive addresses with the host
providing an Acknowledge after each byte. After the
data is read from the desired registers, the read
operation is terminated by the host holding SDA high
during the Acknowledge clock cycle and then issuing a
Stop condition. Refer to Figure 11 for an illustration of
the read sequence.
CONFIGURATION REGISTERS
The configuration registers are grouped with the
general-purpose memory.
GENERAL-PURPOSE MEMORY
The 96-byte general-purpose memory block is
segmented into two continuous independently lockable
blocks. The first 48-byte memory block begins at
register address pointer A0HEX and the second memory
block begins at the register address pointer C0HEX; see
Table 1. Each memory block can be locked
individually by writing to a dedicated register in the
configuration memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com