Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214C Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMB214C
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214C Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMB214C Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
14
0
10
20
30
40
50
60
70
80
90
100
02468
10
12
Current (Amps)
1.2V
1.8V
2.5V
3.3V
Vin = 5.0 Volts
Buck 2.5V
SMB214A EFFICIENCY GRAPHS
Efficiency at 1.2V, 1.8V, 2.5V, 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com