Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214C Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SMB214C
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214C Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SMB214C Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 19Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
15
APPLICATIONS INFORMATION
DEVICE OPERATION
POWER SUPPLY
There are four supply input pins on the SMB214A/B/C:
three HVSUP pins and the VBATT pin. Each supply
must be powered from an input voltage between 2.7-
6.0 volts.
The HVSUP0 though HVSUP2 are used to power the
HSDRV (PMOS driver) and LSDRV (NMOS driver)
outputs. The rail-to-rail swing on the HSDRV and
LSDRV pins is equal to the associated HVSUP supply
voltage.
The VBATT pin is internally regulated to 2.5V. This
2.5V supply is then filtered on the VDD_CAP pin and
used to power all internal circuitry. The VBATT pin is
monitored by an Under-Voltage Lockout (UVLO)
circuit, which prevents the device from turning on
when the voltage at this node is less than the UVLO
threshold.
OUTPUT VOLTAGE
All output voltages on the SMB214A/B/C can be set
via the non-volatile configuration registers.
Each of the three step-down output voltages on the
SMB214A/B/C can be adjusted for 100% duty cycle or
0% duty cycle operation.
When 100% duty cycle mode is selected, the output
voltage can be set up to the input voltage on the
device, while the minimum output voltage is limited to
the min duty cycle specification in the DC operating
characteristics section.
When the 0% duty cycle mode is selected, the
maximum duty cycle is limited to the max duty cycle
specification in the DC operating characteristics
section.
POWER-ON/OFF CONTROL
Sequencing can be initiated: automatically, by a
volatile I
2C Power on command, or by asserting the
PWREN pin. When the PWREN pin is programmed to
initiate sequencing, it can be level or edge triggered.
The PWREN input has a programmable de-bounce
time of 100, 50, or 25ms. The de-bounce time can also
be disabled.
When configured as a push-button enable, PWREN
must be asserted longer than the de-bounce time
before sequencing can commence, and pulled low for
the same period to disable the channels.
ENABLE
Each output can be enabled and disable by an enable
signal. The enable signal is can be provided from
either the PWREN pin or by the contents of the enable
register.
When enabling a channel from the enable register, the
register contents default state must be set so that the
output will be enabled or disabled following a POR
(power on reset). The default state is programmable.
CASCADE SEQUENCING
Each channel on the SMB214A/B/C may be placed in
any one of 3 unique sequence positions, as assigned
by the configurable non-volatile register contents. The
SMB214A/B/C navigate between each sequence
position using a feedback-based cascade-sequencing
circuit. Cascade sequencing is the process in which
each channel is continually compared against a
programmable reference voltage until the voltage on
the monitored channel exceeds the reference voltage,
at which point an internal sequence position counter is
incremented and the next sequence position is
entered. In the event that a channels enable input is
not asserted when the channel is to be sequenced on,
that sequence position will be skipped and the channel
in the next sequence position will be enabled.
POWER ON/OFF DELAY
There is a programmable delay between when
channels in subsequent sequence positions are
enabled. The delay is programmable at 50, 25, 12.5
and 1.5ms intervals. This delay is programmable for
each of the three sequence positions.
MANUAL MODE
The SMB214A/B/C provide a manual power-on mode
in which each channel may be enabled individually
irrespective of the state of other channels. In this
mode, the enable signal has complete control over the
channel, and all sequencing is ignored. In Manual
mode, channels will not be disabled in the event of a
UV/OV fault on any output or the VBATT pin.
FORCE-SHUTDOWN
When a battery fault occurs, a UV/OV is detected on
any output, or an I
2C force-shutdown command is
issued, all channels will be immediately disabled,
ignoring sequence positions or power off delay times.
SEQUENCE TERMINATION TIMER
At the beginning of each sequence position, an
internal programmable timer will begin to time out.
When this timer has expired, the SMB214A/B/C will
automatically perform a force-shutdown operation.
This timer is user programmable with a programmable
sequence termination period (tPST) of 50, 100, 200 ms;
this function can also be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com