Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214C Datasheet(PDF) 16 Page - Summit Microelectronics, Inc.

Part # SMB214C
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214C Datasheet(HTML) 16 Page - Summit Microelectronics, Inc.

Back Button SMB214C Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB214C Datasheet HTML 20Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
16
APPLICATIONS INFORMATION (CONTINUED)
POWER OFF SEQUENCING
The SMB214A/B/C have a power-off sequencing
operation. During a power off operation, the supplies
will be powered off in the reverse order they where
powered on in. During the power off sequencing, all
enables are ignored.
When
a
power-off
command
is
issued
the
SMB214A/B/C will set the sequence position counter
to the last sequence position and disable that channel
without soft-start control; once off, the power off delay
for the channel(s) in the next to last sequence position
will begin to timeout, after which that channel(s) will be
disabled. This process will continue until all channels
have been disabled and are off.
If a channel fails to turn off within the sequence
termination period, the sequence termination timer will
initiate a force shutdown, if enabled.
INPUT AND OUTPUT MONITORING
Both products monitor all outputs for under-voltage
(UV) and over-voltage (OV) faults. The monitored
levels are user programmable, and may be set at 5,
10, 15, and 20 percent of the nominal output voltage.
The
VBATT
pin
is
monitored
for
two
user
programmable UV settings. The VBATT UV settings
are programmable from 2.55V to 3.45V in 150mV
increments. Once the UV/OV voltage set points have
been violated, the SMB214A/B/C can be programmed
to respond in one of three ways, perform: a power-off
operation, a force-shutdown operation and-or it can
trigger the nRESET/HEALTHY pin.
DYNAMIC VOLTAGE MANAGEMENT
In addition to the nominal voltage settings, the
SMB214A/B/C have six additional voltage settings.
These are ideal for situations where a core voltage
needs to be reduced for power conservation.
The dynamic voltage control settings have the same
voltage range as the controllers’ nominal output
voltage. These settings are stored in the non-volatile
configuration registers and can be set by a write to
volatile configuration registers. The dynamic voltage
control command registers contain bits for each
channel that adjust the output voltages to one of the 7
set points after a volatile I2C write command.
When all channels are at their voltage setting, a bit is set in
the dynamic voltage control status registers.
SOFT START
The SMB214A/B/C provide a soft-start function for all
PWM outputs. The soft-start control limits the slew rate
that each output is allowed to ramp up without the
need for an external capacitor.
HIGH VOLTAGE OPERATION
While the SMB214 has a maximum input voltage of
6.0V, the controller can operate to much higher
voltages by using the circuit shown in Figure 6. By
inserting a capacitor (C1) in series with the HSDRV
gate signal, the HSDRV pin is isolated from the 12V
supply, and the AC coupling capacitor acts as a level
translator transferring the 0-5V signal from the HSDRV
pin to a 12V-to-7V (12V-5V=5V) signal at the gate of
the PFET. When the gate stops switching, the
capacitor becomes an open circuit, and the fate will be
pulled high by R1, turning off the output. The schottky
diode and the pull-up resistor are used for DC
restoration and as a pull-up, respectively. Since the
converter runs directly from the input supply (Example:
12V), the efficiency is consistent with that of a
synchronous converter.
+
–
VREF
R1
R2
COMP1
Vout
Vout= Vref* (1 + R2/R1)
Soft-Start Slew Rate=SRref* (1 + R2/R1)
Figure 5 – The output voltage is set by the voltage
divider. The VREF voltage is programmable from 0
to 1.0 volt in 4mV increments via the I
2C interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com