Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509-ASZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5509-ASZ
Description  Single-supply, 16-bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509-ASZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5509-ASZ Datasheet HTML 3Page - Cirrus Logic CS5509-ASZ Datasheet HTML 4Page - Cirrus Logic CS5509-ASZ Datasheet HTML 5Page - Cirrus Logic CS5509-ASZ Datasheet HTML 6Page - Cirrus Logic CS5509-ASZ Datasheet HTML 7Page - Cirrus Logic CS5509-ASZ Datasheet HTML 8Page - Cirrus Logic CS5509-ASZ Datasheet HTML 9Page - Cirrus Logic CS5509-ASZ Datasheet HTML 10Page - Cirrus Logic CS5509-ASZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CS5509
DS125F3
7
Notes: 16. If CS is activated asynchronously to DRDY, CS will not be recognized if it occurs when DRDY is high
for 2 clock cycles. The propagation delay time may be as great as 2 fclk cycles plus 200 ns. To guarantee
proper clocking of SDATA when using asynchronous CS, SCLK(i) should not be taken high sooner than
2 fclk + 200 ns after CS goes low.
17. SDATA transitions on the falling edge of SCLK. Note that a rising SCLK must occur to enable the serial
port shifting mechanism before falling edges can be recognized.
18. If CS is returned high before all data bits are output, the SDATA output will complete the current data
bit and then go to high impedance.
5V SWITCHING CHARACTERISTICS (T
A = 25 °C; VA+, VD+ = 5V ±5%; Input Levels: Logic 0 =
0V, Logic 1 = VD+; CL = 50 pF) (Note 2)
Parameter
Symbol
Min
Typ
Max
Unit
Serial Clock
fsclk
0-
2.5
MHz
Serial Clock
Pulse Width High
Pulse Width Low
tph
tpl
200
200
-
-
-
-
ns
ns
Access Time
CS Low to data valid (Note 16)
tcsd
-60
200
ns
Maximum Delay Time
(Note 17)
SCLK falling to new SDATA bit
tdd
-150
310
ns
Output Float Delay
CS High to output Hi-Z (Note 18)
SCLK falling to Hi-Z
tfd1
tfd2
-
-
60
160
150
300
ns
ns
3.3V SWITCHING CHARACTERISTICS (T
A = 25 °C; VA+ = 5V ±5%; VD+ = 3.3V ±5%; Input
Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF) (Note 2)
Parameter
Symbol
Min
Typ
Max
Unit
Serial Clock
fsclk
0
-
1.25
MHz
Serial Clock
Pulse Width High
Pulse Width Low
tph
tpl
200
200
-
-
-
-
ns
ns
Access Time
CS Low to data valid (Note 16)
tcsd
-100
200
ns
Maximum Delay Time
(Note 17)
SCLK falling to new SDATA bit
tdd
-400
600
ns
Output Float Delay
CS High to output Hi-Z (Note 18)
SCLK falling to Hi-Z
tfd1
tfd2
-
-
70
320
150
500
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com