Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509-ASZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5509-ASZ
Description  Single-supply, 16-bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509-ASZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS5509-ASZ Datasheet HTML 1Page - Cirrus Logic CS5509-ASZ Datasheet HTML 2Page - Cirrus Logic CS5509-ASZ Datasheet HTML 3Page - Cirrus Logic CS5509-ASZ Datasheet HTML 4Page - Cirrus Logic CS5509-ASZ Datasheet HTML 5Page - Cirrus Logic CS5509-ASZ Datasheet HTML 6Page - Cirrus Logic CS5509-ASZ Datasheet HTML 7Page - Cirrus Logic CS5509-ASZ Datasheet HTML 8Page - Cirrus Logic CS5509-ASZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CS5509
2
DS125F3
Notes: 1. Both source resistance and shunt capacitance are critical in determining the CS5509's source
impedance requirements. Refer to the text section Analog Input Impedance Considerations.
2. Specifications guaranteed by design, characterization and/or test.
3. Applies after calibration at the temperature of interest.
4. Total drift over the specified temperature range since calibration at power-up at 25 °C.
5. The input is differential. Therefore, GND
≤ Signal + Common Mode Voltage ≤ VA+.
6. The CS5509 can accept input voltages up to the VA+ analog supply. In unipolar mode the CS5509 will
output all 1's if the dc input magnitude ((AIN+) - (AIN-)) exceeds ((VREF+) - (VREF-)) and will output all
0's if the input becomes more negative than 0 Volts. In bipolar mode the CS5509 will output all 1's if the
dc input magnitude ((AIN+) - (AIN-)) exceeds ((VREF+) - (VREF-)) and will output all 0's if the input
becomes more negative in magnitude than -((VREF+) - (VREF-)).
7. All outputs unloaded. All inputs CMOS levels.
* Refer to the Specification Definitions immediately following the Pin Description Section.
ANALOG CHARACTERISTICS (T
A = 25 °C; VA+ = 5V ±5%; VD+ = 3.3V ±5%; VREF+ = 2.5V,
VREF- = 0V; fCLK = 32.768 kHz; Bipolar Mode; Rsource = 40 Ω with a 10 nF to GND at AIN; AIN- = 2.5V; unless oth-
erwise specified.) (Notes 1 and 2)
Parameter*
Min
Typ
Max
Unit
Accuracy
Linearity Error
fCLK = 32.768 kHz
fCLK = 165 kHz
fCLK = 247.5 kHz
fCLK = 330 kHz
-
-
-
-
0.0015
0.0015
0.0015
0.005
0.003
0.003
0.003
0.0125
± %FS
± %FS
± %FS
± %FS
Differential Nonlinearity
-
±0.25
±0.5
LSB
Full-scale Error
(Note 3)
-
±0.25
±2
LSB
Full-scale Drift
(Note 4)
-
±0.5
-
LSB
Unipolar Offset
(Note 3)
-
±0.5
±2
LSB
Unipolar Offset Drift
(Note 4)
-
±0.5
-
LSB
Bipolar Offset
(Note 3)
-
±0.25
±1
LSB
Bipolar Offset Drift
(Note 4)
-
±0.25
-
LSB
Noise (Referred to Output)
-
0.16
-
LSBrms
Analog Input
Analog Input Range
Unipolar
Bipolar
(Notes 5 and 6)
-
-
0 to +2.5
±2.5
-
-
V
V
Common Mode Rejection
dc
fCLK = 32.768 kHz
50, 60 Hz
(Note 2)
-
120
105
-
-
-
dB
dB
Input Capacitance
-
15
-
pF
DC Bias Current
(Note 1)
-
5
-
nA
Power Supplies
DC Power Supply Currents
ITotal
IAnalog
IDigital
-
-
-
350
300
60
450
-
-
µA
µA
µA
Power Dissipation
(Note 7)
-
1.7
2.25
mW
Power Supply Rejection
-
80
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com