Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509-ASZ Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5509-ASZ
Description  Single-supply, 16-bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509-ASZ Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5509-ASZ Datasheet HTML 16Page - Cirrus Logic CS5509-ASZ Datasheet HTML 17Page - Cirrus Logic CS5509-ASZ Datasheet HTML 18Page - Cirrus Logic CS5509-ASZ Datasheet HTML 19Page - Cirrus Logic CS5509-ASZ Datasheet HTML 20Page - Cirrus Logic CS5509-ASZ Datasheet HTML 21Page - Cirrus Logic CS5509-ASZ Datasheet HTML 22Page - Cirrus Logic CS5509-ASZ Datasheet HTML 23Page - Cirrus Logic CS5509-ASZ Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
CS5509
20
DS125F3
Control Input Pins
CAL - Calibrate, Pin 3.
When taken high the same time that the CONV pin is taken high the converter will perform a
self-calibration which includes calibration of the offset and gain scale factors in the converter.
CONV - Convert, Pin 2.
The CONV pin initiates a calibration cycle if it is taken from low to high while the CAL pin is
high, or it initiates a conversion if it is taken from low to high with the CAL pin low. If CONV
is held high (CAL low) the converter will do continuous conversions.
BP/UP - Bipolar/Unipolar, Pin 6.
The BP/UP pin selects the conversion mode of the converter. When high the converter will
convert bipolar input signals; when low it will convert unipolar input signals.
Measurement and Reference Inputs
AIN+, AIN- - Differential Analog Inputs, Pins 7, 8.
Analog differential inputs to the delta-sigma modulator.
VREF+, VREF- - Differential Voltage Reference Inputs, Pins 9, 10.
A differential voltage reference on these pins operates as the voltage reference for the
converter. The voltage between these pins can be any voltage between 1.0 and 3.6 volts.
Power Supply Connections
VA+ - Positive Analog Power, Pin 11.
Positive analog supply voltage. Nominally +5 volts.
VD+ - Positive Digital Power, Pin 13.
Positive digital supply voltage. Nominally +5 volts or +3.3 volts.
GND - Ground, Pin 12.
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com